Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8385ASVZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8385ASVZ
Description  10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8385ASVZ Datasheet(HTML) 3 Page - Analog Devices

  AD8385ASVZ Datasheet HTML 1Page - Analog Devices AD8385ASVZ Datasheet HTML 2Page - Analog Devices AD8385ASVZ Datasheet HTML 3Page - Analog Devices AD8385ASVZ Datasheet HTML 4Page - Analog Devices AD8385ASVZ Datasheet HTML 5Page - Analog Devices AD8385ASVZ Datasheet HTML 6Page - Analog Devices AD8385ASVZ Datasheet HTML 7Page - Analog Devices AD8385ASVZ Datasheet HTML 8Page - Analog Devices AD8385ASVZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8385
Rev. 0 | Page 3 of 24
SPECIFICATIONS
DECDRIVER SECTION
@ 25°C, AVCC = 15.5 V, DVCC = 3.3 V, TA MIN = 0°C, TA MAX = 85°C, VRH = 9.5 V, VRL = V1 = V2 = 7 V, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
VIDEO DC PERFORMANCE1
TMIN to TMAX
VDE
DAC Code 450 to 800
–7.5
+7.5
mV
VCME
DAC Code 450 to 800
–3.5
+3.5
mV
VIDEO OUTPUT DYNAMIC PERFORMANCE
TMIN to TMAX , VO = 5 V step, CL = 150 pF
Data Switching Slew Rate
20% to 80%
460
V/µs
Invert Switching Slew Rate
20% to 80%
560
V/µs
Data Switching Settling Time to 1%
19
24
ns
Data Switching Settling Time to 0.25%
30
50
ns
Invert Switching Settling Time to 1%
75
120
ns
Invert Switching Settling Time to 0.25%
250
500
ns
Invert Switching Overshoot
100
200
mV
CLK and Data Feedthrough2
10
mV p-p
All-Hostile Crosstalk3
Amplitude
10
mV p-p
Glitch Duration
30
ns
DAC Transition Glitch Energy
DAC Code 511 to 512
0.3
nV-s
VIDEO OUTPUT CHARACTERISTICS
Output Voltage Swing
AVCC – VOH, VOL – AGND
1.1
1.3
V
Output Voltage—Grounded Mode
0.25
V
Data Switching Delay: t94
50 % of VIDx
10
12
14
ns
INV Switching Delay: t105
50 % of VIDx
13
15
17
ns
INV to CLK Setup Time: t27
0.5 fCLK
5.5 fCLK
ns
Output Current
100
mA
Output Resistance
22
Ω
REFERENCE INPUTS
V1 Range
V2
≥ (V1 – 0.25 V)
5
AVCC – 4
V
V2 Range
V2
≥ (V1 – 0.25 V)
5
AVCC – 4
V
V1 Input Current
–5
µA
V2 Input Current
–27
µA
VRL Range
VRH ≥ VRL
V1 – 0.5
AVCC – 1.3
V
VRH Range
VRH ≥ VRL
VRL
AVCC
V
VRH to VRL Range
VFS =2 × (VRH – VRL)
0
2.75
V
VRH Input Resistance
To VRL
20
kΩ
VRL Bias Current
–0.2
µA
VRH Input Current
125
µA
RESOLUTION
Coding
Binary
10
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com