Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8385ASVZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8385ASVZ
Description  10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8385ASVZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8385ASVZ Datasheet HTML 2Page - Analog Devices AD8385ASVZ Datasheet HTML 3Page - Analog Devices AD8385ASVZ Datasheet HTML 4Page - Analog Devices AD8385ASVZ Datasheet HTML 5Page - Analog Devices AD8385ASVZ Datasheet HTML 6Page - Analog Devices AD8385ASVZ Datasheet HTML 7Page - Analog Devices AD8385ASVZ Datasheet HTML 8Page - Analog Devices AD8385ASVZ Datasheet HTML 9Page - Analog Devices AD8385ASVZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8385
Rev. 0 | Page 6 of 24
Parameter
Conditions
Min
Typ
Max
Unit
SERIAL INTERFACE DYNAMIC PERFORMANCE
SEN to SCL Setup Time, t20
10
ns
SCL, High Level Pulse Width, t21
10
ns
SCL, Low Level Pulse Width, t22
10
ns
SDI Setup Time, t24
10
ns
SDI Hold Time, t25
10
ns
SCL to SEN Hold Time, t23
10
ns
VAO1, VAO2 Settling Time, t26
SVFS = 5 V, to 0.5%, CL = 100 pF
1
2
ms
VAO1, VAO2 Settling Time, t26
SVFS = 5 V, to 0.5%, CL = 33 µF
15
ms
1 Outputs VAO1 and VAO2 are designed to drive very high capacitive loads. For proper operation of these outputs, load capacitance must be ≤0.002 µF or ≥0.047 µF.
Load capacitance in the range of 0.002 µF to 0.047 µF causes the output overshoot to exceed 100 mV.
POWER SUPPLIES
@ 25°C, AVCC = 15.5 V, DVCC = 3.3 V, TA MIN = 0°C, TA MAX = 85°C, SVFS = 5 V, SVRL = 4 V, SVRH = 9 V, unless otherwise noted.
Table 5.
AD8385 Power Supplies
Min
Typ
Max
Unit
DVCC, Operating Range
3
3.3
3.6
V
DVCC, Quiescent Current
56
mA
AVCC Operating Range
9
18
V
Total AVCC Quiescent Current
111
mA
OPERATING TEMPERATURE
@ 25°C, AVCC = 15.5 V, DVCC = 3.3 V, TA MIN = 0°C, TA MAX = 85°C, SVFS = 5 V, SVRL = 4 V, SVRH = 9 V, unless otherwise noted.
Table 6.
Parameter
Min
Typ
Max
Unit
Ambient Temperature Range, TA1
0
75
°C
Ambient Temperature Range, TA2
0
85
°C
1 Operation at high ambient temperature requires a thermally-optimized PCB layout (see the
section), input data update rate not exceeding 85 MHz, black-
to-white transition ≤ 4 V and C
Applications
L
≤ 150 pF. In systems with limited or no airflow, the maximum ambient operating temperature is limited to 75°C with the overload
protection enabled. For operation above 75°C, see Endnote 2.
2 In addition to the requirements stated in Endnote 1, operation at 85°C ambient temperature requires 200 lfm airflow or the overload protection disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com