Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8385ASVZ Datasheet (PDF) - Analog Devices

AD8385ASVZ Datasheet PDF - Analog Devices
Part # AD8385ASVZ
Download  AD8385ASVZ Download
File Size   767.83 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters

AD8385ASVZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8385ASVZ Datasheet PDF - Analog Devices

Part # AD8385ASVZ
Download  AD8385ASVZ Click to download

File Size   767.83 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters

AD8385ASVZ Datasheet (HTML) - Analog Devices


AD8385ASVZ Product details

GENERAL DESCRIPTION
The AD8385 provides a fast, 10-bit, latched decimating digital input that drives 12 high voltage outputs. 10-bit input words are loaded into 12 separate high speed, bipolar DACs sequentially. Flexible digital input format allows several AD8385s to be used in parallel in high resolution displays. The output signal can be adjusted for dc reference, signal inversion, and contrast for maximum flexibility. Integrated level shifters convert timing signals from a 3 V timing controller to high voltage for LCD panel timing inputs. Two, serial, 8-bit DACs are integrated to provide dc reference signals. A 3-wire serial interface controls overload protection, output mode, and the serial DACs.

FEATURES
   High voltage drive to within 1.3 V of supply rails
   Output short-circuit protection
   High update rates
      Fast, 100 Ms/s 10-bit input data update rate
   Static power dissipation: 1.84 W
      Voltage controlled video reference (brightness), offset,
      and full-scale (contrast) output levels
   INV bit reverses polarity of video signal
   3.3 V logic, 9 V to 18 V analog supplies
      Level shifters for panel timing signals
   High accuracy voltage outputs
      Laser trimming eliminates the need for adjustments or
       calibration
   Flexible logic
      STSQ/XFR allow parallel AD8385 operation
   Fast settling into capacitive loads
      30 ns settling time to 0.25% into 150 pF load
      Slew rate 460 V/µs
   Available in 100-lead 14 mm × 14 mm TQFP E-pad




Similar Part No. - AD8385ASVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8385 AD-AD8385 Datasheet
768Kb / 24P
10-Bit, 12-Channel Decimating
REV. 0
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
10-Bit, 12-Channel Decimating
REV. 0
More results


Similar Description - AD8385ASVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8380 AD-AD8380 Datasheet
219Kb / 16P
Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
AD8383 AD-AD8383 Datasheet
376Kb / 16P
Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
AD8384 AD-AD8384 Datasheet
470Kb / 24P
10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
1/04-Revision 0
AD8386 AD-AD8386 Datasheet
380Kb / 20P
10-Bit, 12-Channel Output Decimating LCD Driver
8/05-Revision 0
AD8382 AD-AD8382 Datasheet
864Kb / 24P
High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
2/03-Revision 0
AD8387 AD-AD8387 Datasheet
396Kb / 16P
High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
10/05-Revision 0
logo
Texas Instruments
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
LCD Bias Supply With Integrated Level Shifters
logo
Analog Devices
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
10-Bit, 6-Channel Decimating
REV. 0
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
10-Bit, 12-Channel Decimating
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com