Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8385ASVZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8385ASVZ
Description  10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8385ASVZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8385ASVZ Datasheet HTML 4Page - Analog Devices AD8385ASVZ Datasheet HTML 5Page - Analog Devices AD8385ASVZ Datasheet HTML 6Page - Analog Devices AD8385ASVZ Datasheet HTML 7Page - Analog Devices AD8385ASVZ Datasheet HTML 8Page - Analog Devices AD8385ASVZ Datasheet HTML 9Page - Analog Devices AD8385ASVZ Datasheet HTML 10Page - Analog Devices AD8385ASVZ Datasheet HTML 11Page - Analog Devices AD8385ASVZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8385
Rev. 0 | Page 8 of 24
OVERLOAD PROTECTION
The AD8385 employs a 2-stage overload protection circuit with
an enable/disable function that is programmable through the
3-wire serial interface. It consists of an output current limiter
and a thermal shut down.
When enabled, the maximum current at any one output of the
AD8385 is, on average, internally limited to 100 mA. In the
event of a momentary short circuit between a video output and
a power supply rail (VCC or AGND), the output current limit is
sufficiently low to provide temporary protection.
The thermal shutdown debiases the output amplifier when the
junction temperature reaches the internally set trip point. In the
event of an extended short circuit between a video output and a
power supply rail, the output amplifier current continues to
switch between 0 mA and 100 mA typ, with a period deter-
mined by the thermal time constant and the hysteresis of the
thermal trip point. Thermal shutdown provides long-term
protection by limiting the average junction temperature to a
safe level. When disabled, no overload protection is present.
EXPOSED PADDLE
To ensure optimal thermal performance, the exposed paddle
must be electrically connected to an external plane such as
AVCC or GND, as described in the Applications Circuit section.
MAXIMUM POWER DISSIPATION
The junction temperature limits the maximum power that can
be safely dissipated by the AD8385. The maximum safe junction
temperature for plastic encapsulated devices, determined by the
glass transition temperature of the plastic, is approximately
150°C. Exceeding this limit can cause a temporary shift in the
parametric performance due to a change in the stresses exerted
on the die by the package. Exceeding a junction temperature of
175°C for an extended period can result in device failure.
OPERATING TEMPERATURE RANGE
The maximum operating junction temperature is 150°C. The
junction temperature trip point of the overload protection is
165°C. Production test guarantees a minimum junction
temperature trip point of 125°C.
Consequently, the maximum guaranteed operating junction
temperature is 125°C with the overload protection enabled, and
150°C with the overload protection disabled.
To ensure operation within the specified operating temperature
range, the maximum power dissipation must be limited:
(
)
)
9
.
0
(
3
lfm
in
Airflow
θ
T
T
P
JA
A
JMAX
DMAX
×
−
−
≈
1.5
2.5
2.0
3.0
85
80
70
75
*65
90
95
100
105
110
105
95
100
**90
115
120
125
130
AMBIENT TEMPERATURE (°C)
STILL AIR
200 lfm
500 lfm
100MHz
60Hz XGA
QUIESCENT
*OVERLOAD PROTECTION ENABLED
**OVERLOAD PROTECTION DISABLED
AD8385 on a 4-layer JEDEC PCB with a thermally optimized landing pattern,
as described in the Applications Circuit section.
Figure 2. Maximum Power Dissipation vs. Temperature
Note that the quiescent power dissipation of the AD8385 is
1.84 W when operating under the conditions specified in this
data sheet. When driving a 12-channel XGA panel with an input
capacitance of 150 pF, the AD8385 dissipates a total of 2.3 W
when displaying 1 pixel wide alternating white and black
vertical lines generated by a standard 60 Hz XGA input video.
When the frequency of the pixel clock is raised to 100 MHz, the
total power dissipation increases to 2.54 W. These specific
power dissipations are shown in Figure 2 for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com