Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8385ASVZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8385ASVZ
Description  10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8385ASVZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8385ASVZ Datasheet HTML 9Page - Analog Devices AD8385ASVZ Datasheet HTML 10Page - Analog Devices AD8385ASVZ Datasheet HTML 11Page - Analog Devices AD8385ASVZ Datasheet HTML 12Page - Analog Devices AD8385ASVZ Datasheet HTML 13Page - Analog Devices AD8385ASVZ Datasheet HTML 14Page - Analog Devices AD8385ASVZ Datasheet HTML 15Page - Analog Devices AD8385ASVZ Datasheet HTML 16Page - Analog Devices AD8385ASVZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8385
Rev. 0 | Page 13 of 24
LEVEL SHIFTERS
DYIN
DIRYIN
DIRXIN
NRGIN
DXIN
ENBX1I
ENBX2I
ENBX3I
ENBX4I
DY
DIRY
DIRX
NRG
DX
ENBX1
ENBX2
ENBX3
ENBX4
Figure 7. Level Shifter—Inverting
CLXIN
CLYIN
CLX
CLY
CLXN
CLYN
Figure 8. Level Shifter—Complementary
INVERTING
OUTPUTS
NONINVERTING
OUTPUTS
INPUTS
t11
t13
t12
t16
t18
t14
t15
t17
Figure 9. Inverting and Complementary Level Shifter Timing
Table 10. Level Shifter Timing
Parameter
Conditions
Min
Typ
Max
Unit
Output Rise, Fall Times, tr, tf
TA MIN to TA MAX
DX, CLX, CLXN, ENBX[1–4]
CL = 40 pF
18.5
30
ns
DY, CLY, CLYN
40
70
ns
DIRX, DIRY
102
200
ns
NRG
CL = 200 pF
43
50
ns
CL = 300 pF
61
100
ns
Propagation Delay Times—t11, t12, t13, t14
TA MIN to TA MAX
DX, CLX, CLXN, ENBX[1–4]
CL = 40 pF
20
50
ns
DY, CLY, CLYN
29
50
ns
DIRX, DIRY
70
100
ns
NRG
CL = 200 pF
30
100
ns
CL = 300 pF
37
ns
Propagation Delay Skew—t15, t16, t17, t18
TA MIN to TA MAX, CL = 40 pF
ENBX[1–4]—t15, t16
2
ns
DX to ENBX[1–4]—t16
2
DX to CLX—t15, t16, t17, t18
10
ns
DY, CLY, CLYN—t15, t16, t17, t18
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com