Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8385ASVZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD8385ASVZ
Description  10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8385ASVZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8385ASVZ Datasheet HTML 12Page - Analog Devices AD8385ASVZ Datasheet HTML 13Page - Analog Devices AD8385ASVZ Datasheet HTML 14Page - Analog Devices AD8385ASVZ Datasheet HTML 15Page - Analog Devices AD8385ASVZ Datasheet HTML 16Page - Analog Devices AD8385ASVZ Datasheet HTML 17Page - Analog Devices AD8385ASVZ Datasheet HTML 18Page - Analog Devices AD8385ASVZ Datasheet HTML 19Page - Analog Devices AD8385ASVZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8385
Rev. 0 | Page 16 of 24
FUNCTIONAL DESCRIPTION
The AD8385 is a system building block designed to directly
drive the columns of LCD microdisplays of the type popu-
larized for use in projection systems. It comprises 12 channels
of precision, 10-bit digital-to-analog converters loaded from a
single, high speed, 10-bit wide input. Precision current feedback
amplifiers, providing well-damped pulse response and fast
voltage settling into large capacitive loads, buffer the 12 outputs.
Laser trimming at the wafer level ensures low absolute output
errors and tight channel-to-channel matching. Tight part-to-
part matching in high resolution systems is guaranteed by the
use of external voltage references.
Three groups of level shifters convert digital inputs to high
voltage outputs for direct connection to the control inputs of
LCD panels.
An edge detector conditions a high voltage reference timing
input from the LCD and converts it to digital levels for use in
synchronizing timing controllers, such as the AD8389.
REFERENCE AND CONTROL INPUT
Start Sequence Control—Input Data Loading
A valid STSQ control input initiates a new 6-clock loading cycle
during which 12 input data-words are loaded sequentially into
12 internal channels. Data is loaded on both the rising and
falling edges of CLK. A new loading sequence begins on the
current rising CLK edge only when STSQ is held high at the
preceding rising CLK edge.
Right/Left Control—Input Data Loading
To facilitate image mirroring, the direction of the loading
sequence is set by the R/L control.
A new loading sequence begins at Channel 0 and proceeds to
Channel 11 when the R/L control is held low. It begins at
Channel 11 and proceeds to Channel 0 when the R/L control
is held high.
XFR Control—Data Transfer to Outputs
Data transfer to the outputs is initiated by the XFR control. Data
is transferred to all outputs simultaneously on the rising CLK
edge only when XFR is high during the preceding rising
CLK edge.
V1, V2 Inputs—Voltage Reference Inputs
Two external analog voltage references set the levels of the
outputs. V1 sets the output voltage at Code 1023 while the INV
input is low, and V2 sets the output voltage at Code 1023 while
the INV input is held high.
VRH, VRL Inputs—Full-Scale Video Reference Inputs
Twice the difference between these analog input voltages sets
the full-scale output voltage VFS = 2 (VRH–VRL).
INV Control—Analog Output Inversion
The analog voltage equivalent of the input code is subtracted
from (V2 + VFS) while INV is held high and added to
(V1 – VFS) while INV is held low. Video inversion is delayed
by 6 to 12 CLK cycles from the INV input.
TSTM Control—Test Mode
A low on this input allows serial interface control of the output
operating mode and the thermal switch.
A high on this input turns the thermal switch on and releases
the video outputs and VAO1 from grounded mode.
3-Wire Serial Interface—SDAC, Output, Thermal Switch
Control
The serial interface controls two 8-bit serial DACs, the thermal
switch of the overload protection circuit, and the video output
operating mode via a 12-bit-wide serial word from a micropro-
cessor. Four of the 12 bits select the function; the remaining
8 bits are the data for the serial DACs.
Table 13. Bit Definitions
Bit
Name
Bit Functionality
SD(0:7)
8-bit SDAC data. MSB = SD7
SD8
Not used
SD9
Thermal switch control
SD10
Output operating mode, SDAC selection, and
thermal switch control
SD11
Output operating mode and SDAC selection control
Table 14. Truth Table @ TSTM = Low
SD
SEN
11
10
9
8
Action
0
0
X
X
Load VAO2. No change to VAO1.
1
0
X
X
Load VAO1. Release video outputs
from grounded mode. No change to
VAO2.
0
1
0
X
Release video outputs and VAO1 from
grounded mode. Disable thermal
switch. No change to VAO1 and
VAO2.
0
1
1
X
Release video outputs and VAO1 from
grounded mode. Enable thermal
switch. No change to VAO1 and
VAO2.
1
1
0
X
Video outputs and VAO1 to grounded
output mode. Disable thermal switch.
No change to VAO1, VAO2.
1
1
1
X
Video outputs and VAO1 to grounded
output mode. Enable thermal switch.
No change to VAO1, VAO2.
X
X
X
X
Start a serial interface loading cycle.
No change to outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com