Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8387JSVZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8387JSVZ
Description  High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8387JSVZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8387JSVZ Datasheet HTML 3Page - Analog Devices AD8387JSVZ Datasheet HTML 4Page - Analog Devices AD8387JSVZ Datasheet HTML 5Page - Analog Devices AD8387JSVZ Datasheet HTML 6Page - Analog Devices AD8387JSVZ Datasheet HTML 7Page - Analog Devices AD8387JSVZ Datasheet HTML 8Page - Analog Devices AD8387JSVZ Datasheet HTML 9Page - Analog Devices AD8387JSVZ Datasheet HTML 10Page - Analog Devices AD8387JSVZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8387
Rev. 0 | Page 7 of 16
Table 3. 80-Lead TQFP E-Pad Pin Configurations
Pin No.
Mnemonic
Function
Description
1 to 7,
76 to 80;
DBA(0:11)
Data Input
12-Bit Data Input for Even Channels. VID(0, 2, 4, 6, 8, 10), MSB = DBA11.
14 to 25
DBB(0:11)
Data Input
12-Bit Data Input for Odd Channels. VID(1, 3, 5, 7, 9, 11), MSB = DBB11.
8
XFR
Transfer/Start Sequence
Simultaneously initiates a new data loading sequence and transfers data
loaded previously, to the outputs.
9, 26, 75
DVCCx
Digital Power Supplies
Digital Power Supplies.
10, 27, 74
DGNDx
Digital Ground
These pins are normally connected to the digital ground plane.
11
CLK
Clock
Clock Input.
12
DSW
Data Mode Switch
Selects Single Buss or Dual Buss Operating Modes.
13
R/L
Right/Left Select
Selects Left Direction or Right Direction Operating Mode.
28
ISW
Invert Mode Switch
Enables and Disables Column Inversion.
29
INV
Invert
Changes the Polarity of the Analog Output Signals.
30
GSW
Output Mode Switch
Enables and Disables Grounded Mode.
31
TSW
Thermal Switch
Enables and Disables Long-Term Output Protection.
32, 33, 39, 43,
47, 51, 55, 59,
63, 69, 70
AGNDx
Analog Ground
Analog Supply Returns.
34, 35, 41,
45, 49, 53,
57, 61, 67, 68
AVCCx
Analog Power Supplies
Analog Power Supplies.
36
BYP
Bypass
A 0.1 μF capacitor connected between BYP and AGND ensures optimum
settling time.
37
TSTA
Test Pin
Connect This Pin to AGND.
38, 71 to 73
NC
NC
No Connect. No internal connection.
40, 42, 44, 46,
48, 50, 52, 54,
56, 58, 60, 62
VID0 to VID11
Analog Outputs
These pins are connected directly to the analog inputs of the LCD panel.
64
VRL
Video Center Reference
This Voltage Sets the Video Center Voltage. The video outputs are above
this reference while INV = HIGH and below this reference while INV = LOW.
65, 66
VRH
Full-Scale Reference
Twice the voltage applied between VRH and VRL sets the full-scale
video output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com