Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8387JSVZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8387JSVZ
Description  High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8387JSVZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8387JSVZ Datasheet HTML 4Page - Analog Devices AD8387JSVZ Datasheet HTML 5Page - Analog Devices AD8387JSVZ Datasheet HTML 6Page - Analog Devices AD8387JSVZ Datasheet HTML 7Page - Analog Devices AD8387JSVZ Datasheet HTML 8Page - Analog Devices AD8387JSVZ Datasheet HTML 9Page - Analog Devices AD8387JSVZ Datasheet HTML 10Page - Analog Devices AD8387JSVZ Datasheet HTML 11Page - Analog Devices AD8387JSVZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8387
Rev. 0 | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
5.0
0
0
4096
INPUT CODE
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
512
1024
1536
2048
2560
3072
3584
ΔVN
ΔVDE
ΔVP
Figure 5. Channel Matching vs. Code @ TA = 25°C
5
–5
0
4096
INPUT CODE
4
3
2
1
0
–1
–2
–3
–4
512
1024
1536
2048
2560
3072
3584
Figure 6. VDE vs. Code
1.0
–1.0
0
4096
INPUT CODE
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
512
1024
1536
2048
2560
3072
3584
Figure 7. DNL vs. Code @ TA = 25°C, INV = H
5.0
0
0
AMBIENT TEMPERATURE (
°C)
4.0
3.0
2.0
1.0
0.5
4.5
3.5
2.5
1.5
10
20
30
40
50
60
70
80
CODE 4095
CODE 0
CODE 2048
Figure 8. Channel Matching vs. TA @ Codes 0, 2048, 4095
3.5
–3.5
0
4096
INPUT CODE
512
1024
1536
2048
2560
3072
3584
2.5
1.5
0.5
–0.5
–1.5
–2.5
Figure 9. VCME vs. Code
1.0
–1.0
0
4096
INPUT CODE
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
512
1024
1536
2048
2560
3072
3584
Figure 10. DNL vs. Code @ TA = 25°C, INV = L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com