Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8387JSVZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD8387JSVZ
Description  High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8387JSVZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8387JSVZ Datasheet HTML 7Page - Analog Devices AD8387JSVZ Datasheet HTML 8Page - Analog Devices AD8387JSVZ Datasheet HTML 9Page - Analog Devices AD8387JSVZ Datasheet HTML 10Page - Analog Devices AD8387JSVZ Datasheet HTML 11Page - Analog Devices AD8387JSVZ Datasheet HTML 12Page - Analog Devices AD8387JSVZ Datasheet HTML 13Page - Analog Devices AD8387JSVZ Datasheet HTML 14Page - Analog Devices AD8387JSVZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8387
Rev. 0 | Page 11 of 16
t6
t2
t1
t4
t3
CLK
DB(0:11)
XFR
VTH
VTH
VTH
t1
t2
t5
Figure 15. Input Timing (DSW = LOW)
DB(0:11)
XFR
INV
VID(0:11)
t8
VRL
50%
VRL
VRL + VFS
VRL–VFS
CLK
–2
15
t7
t7
PIXELS
–12, –11, –10, –9, –8, –7, –6, –5, –4, –3, –2, –1
PIXELS
0, 1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 11
–1
1
2
3
4
5
6
7
8
9 10 11
13 14
12
0
Figure 16. Output Timing (DSW = LOW)
Table 4.
Parameter
Conditions
Min
Typ
Max
Unit
Data Setup Time: t1
0
ns
XFR Setup Time: t3
0
ns
Data Hold Time: t2
3.5
ns
XFR Hold Time: t4
3.5
ns
CLK High Time: t5
DSW = HIGH
2.5
ns
CLK Low Time: t6
DSW = HIGH
3.0
ns
CLK High Time: t7
DSW = LOW
3.5
ns
CLK Low Time: t8
DSW = LOW
4.0
ns
Data Switching Delay: t7
15.7
ns
Data Switching Delay Skew: Δt7
VIDx = 5 V step
4
ns
Invert Switching Delay: t8
16.2
ns
Invert Switching Delay Skew: Δt8
4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com