Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8387JSVZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD8387JSVZ
Description  High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8387JSVZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8387JSVZ Datasheet HTML 8Page - Analog Devices AD8387JSVZ Datasheet HTML 9Page - Analog Devices AD8387JSVZ Datasheet HTML 10Page - Analog Devices AD8387JSVZ Datasheet HTML 11Page - Analog Devices AD8387JSVZ Datasheet HTML 12Page - Analog Devices AD8387JSVZ Datasheet HTML 13Page - Analog Devices AD8387JSVZ Datasheet HTML 14Page - Analog Devices AD8387JSVZ Datasheet HTML 15Page - Analog Devices AD8387JSVZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8387
Rev. 0 | Page 12 of 16
FUNCTIONAL DESCRIPTION
The AD8387 is a system building block designed to directly
drive the columns of LCD microdisplays of the type popularized
for use in projection systems. It has 12 channels of precision,
12-bit DACs loaded from a dual, high speed, 12-bit wide input.
Precision current feedback amplifiers, providing well damped
pulse response and fast voltage settling into large capacitive
loads, buffer the 12 outputs. Laser trimming at the wafer level
ensures low absolute output errors and tight channel-to-channel
matching. Tight part-to-part matching in high resolution
systems is guaranteed by the use of external voltage references.
REFERENCE AND CONTROL INPUT DESCRIPTION
Data Transfer/Start Sequence Control—Input Data
Loading, Data Transfer
A valid XFR is initiated when it is held HIGH during a rising
CLK edge.
Data is transferred to the outputs and a new loading sequence is
initiated on the next rising CLK edge, immediately following a
valid XFR.
During a loading sequence, 12-bit words are loaded sequentially
into 12 internal channels.
When the AD8387 is configured for single data bus (DSW =
LOW), data is loaded on both the rising and falling edges of
CLK. When configured for dual data bus (DSW = HIGH),
data is loaded on the rising edges of CLK only.
DSW Control—Data Mode Switch
When this input is HIGH, the AD8387 is in dual data bus
mode. Data is loaded from both DBA(0:11) and DBB(0:11)
on the rising CLK edge simultaneously. R/L does not change
the active CLK edge in dual data bus mode. When LOW, the
AD8387 is in single data bus mode. Data is loaded on the rising
CLK edge from DBA(0:11) and on the falling CLK edge from
DBB(0:11) when R/L is LOW. With R/L HIGH, data is loaded
on the falling CLK edge from DBA(0:11) and on the rising CLK
edge from DBB(0:11).
Right/Left Control—Input Data Loading
To facilitate image mirroring, the direction of the loading
sequence is set by the R/L control. A new loading sequence
begins at Channel 0 and proceeds to Channel 11 when the R/L
control is held LOW. It begins at Channel 11 and proceeds to
Channel 0 when the R/L control is held HIGH.
TSW Control—Thermal Switch Control
When this input is HIGH, the thermal switch is enabled. When
LOW or left unconnected, the thermal switch is disabled.
An internal, 10 kΩ pull-down resistor disables the thermal
switch when this pin is left unconnected.
GSW Control—Output Mode Switch
When this input is HIGH, the video outputs operate normally.
When LOW or left open, the video outputs are forced to
AGND. This function operates when AVCC power is off but
requires DVCC power to be on.
INV Control and ISW Control—Analog Output Inversion
When ISW = LOW, the analog outputs’ transfer function is
below VRL, while INV is held LOW, and is above VRL, while
INV is held HIGH.
With ISW = HIGH, the analog outputs’ transfer function is
above VRL for VID(0, 2, 4, 6, 8, 10) and is below VRL for
VID(1, 3, 5, 7, 9, 11), while INV is held HIGH. Conversely, the
analog outputs’ transfer function is below VRL for VID(0, 2, 4,
6, 8, 10) and is above VRL for VID(1, 3, 5, 7, 9, 11), while INV is
held LOW.
VRH, VRL Inputs—Full-Scale Video Reference Inputs
Two times the difference between VRH and VRL (analog input
voltages) sets the full-scale output voltage.
VFS = 2 × (VRH − VRL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com