Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8387JSVZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8387JSVZ
Description  High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8387JSVZ Datasheet(HTML) 1 Page - Analog Devices

  AD8387JSVZ Datasheet HTML 1Page - Analog Devices AD8387JSVZ Datasheet HTML 2Page - Analog Devices AD8387JSVZ Datasheet HTML 3Page - Analog Devices AD8387JSVZ Datasheet HTML 4Page - Analog Devices AD8387JSVZ Datasheet HTML 5Page - Analog Devices AD8387JSVZ Datasheet HTML 6Page - Analog Devices AD8387JSVZ Datasheet HTML 7Page - Analog Devices AD8387JSVZ Datasheet HTML 8Page - Analog Devices AD8387JSVZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Performance, 12-Bit, 12-Channel
Decimating, LCD DecDriver®
AD8387
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
High accuracy, high-resolution voltage outputs
1 mV channel matching
12-bit input resolution
Laser-trimmed outputs
Fast settling, high voltage drive
35 ns settling time to 0.25% into 150 pF load
Slew rate 420 V/μs
Outputs to within 1.3 V of supply rails
High update rates
Fast, 110 MHz clock
Programmable video reference (brightness) and
full-scale (contrast) output levels
Flexible logic
INV bit reverses polarity of video signal
R/L reverses loading order of data
ISW selects frame/row or column/dot inversion
DSW selects single or dual data bus mode
Output short-circuit protection
3.3 V logic, 11 V to 18 V analog supplies
Available in 80-lead, 12 mm × 12 mm, TQFP E-pad
APPLICATIONS
LCD microdisplay driver
FUNCTIONAL BLOCK DIAGRAM
DBA(0:11)
VID0
VID1
VID10
VID11
DBB(0:11)
BYP
TSW
GSW
DSW
CLK
XFR
R/L
VRL
VRH
ISW
INV
TWO-STAGE
LATCH
TWO-STAGE
LATCH
TWO-STAGE
LATCH
TWO-STAGE
LATCH
SCALING
CONTROL
DAC
DAC
DAC
DAC
SEQUENCE
CONTROL
THERMAL
SWITCH
BIAS
G-MODE
SWITCH
12
12
12
12
12
12
12
12
12
12
AD8387
Figure 1.
GENERAL DESCRIPTION
The AD8387 DecDriver provides dual, fast latched, 12-bit
decimating input, which drives 12 high voltage outputs. Twelve-
bit input words are loaded into 12 separate high speed, bipolar
DACs sequentially. Flexible digital input format allows more
than one AD8387 to be used in parallel for higher resolution
displays. The output signal can be adjusted for dc reference,
signal inversion, and contrast for maximum flexibility.
The AD8387 is fabricated on ADI’s fast bipolar, 26 V XFCB
process, providing fast input logic, bipolar DACs with trimmed
accuracy and fast settling, high voltage, precision drive
amplifiers on the same chip.
The AD8387 dissipates 1.34 W nominal static power. The
AD8387 is offered in an 80-lead TQFP E-pad package and
operates over the commercial temperature range of 0°C to
+85°C.
5
0
0
INTERNAL AMBIENT TEMPERATURE (
°C)
4
3
2
1
10
20
30
40
50
60
70
80
NORMAL PROJECTOR OPERATING
TEMPERATURE RANGE
CODE 4095
CODE 0
CODE 2048
Figure 2. Channel Matching vs. Temperature


Similar Part No. - AD8387JSVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8387 AD-AD8387 Datasheet
397Kb / 16P
High Performance, 12-Bit, 12-Channel
REV. 0
AD8387 AD-AD8387_15 Datasheet
397Kb / 16P
High Performance, 12-Bit, 12-Channel
REV. 0
More results

Similar Description - AD8387JSVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8380 AD-AD8380 Datasheet
219Kb / 16P
Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
AD8383 AD-AD8383 Datasheet
376Kb / 16P
Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
AD8384 AD-AD8384 Datasheet
470Kb / 24P
10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
1/04-Revision 0
AD8386 AD-AD8386 Datasheet
380Kb / 20P
10-Bit, 12-Channel Output Decimating LCD Driver
8/05-Revision 0
AD8382 AD-AD8382 Datasheet
864Kb / 24P
High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
2/03-Revision 0
AD8385 AD-AD8385 Datasheet
767Kb / 24P
10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
1/05-Revision 0
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8382 AD-AD8382_15 Datasheet
927Kb / 24P
High Performance 12-Bit, 6-Channel Output
REV. 0
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
10-Bit, 12-Channel Decimating
REV. 0
AD8387 AD-AD8387_15 Datasheet
397Kb / 16P
High Performance, 12-Bit, 12-Channel
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com