Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8387JSVZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD8387JSVZ
Description  High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8387JSVZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8387JSVZ Datasheet HTML 8Page - Analog Devices AD8387JSVZ Datasheet HTML 9Page - Analog Devices AD8387JSVZ Datasheet HTML 10Page - Analog Devices AD8387JSVZ Datasheet HTML 11Page - Analog Devices AD8387JSVZ Datasheet HTML 12Page - Analog Devices AD8387JSVZ Datasheet HTML 13Page - Analog Devices AD8387JSVZ Datasheet HTML 14Page - Analog Devices AD8387JSVZ Datasheet HTML 15Page - Analog Devices AD8387JSVZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD8387
Rev. 0 | Page 15 of 16
THERMAL PAD DESIGN
To minimize thermal performance degradation of production
PCBs, the contact area between the thermal pad and the PCB
should be maximized. Therefore, the size of the thermal pad
on the top PCB layer should match the exposed paddle. The
second thermal pad of the same size should be placed on the
bottom side of the PCB. At least one thermal pad should be in
direct thermal contact with an external plane, such as AVCC
or GND.
THERMAL VIA STRUCTURE DESIGN
Effective heat transfer from the top to the inner and bottom
layers of the PCB requires thermal vias incorporated into the
thermal pad design. Thermal performance increases
logarithmically with the number of vias.
Near optimum thermal performance of production PCBs is
attained only when tightly spaced thermal vias are placed on
the full extent of the thermal pad.
Thermal Pad and Thermal via Connections
The thermal pad on the solder side is connected to a plane. The
use of thermal spokes is not recommended when connecting
the thermal pads or via structure to the plane.
Solder Masking
Solder masking of the via holes on the top layer of the PCB
plugs the via holes, inhibiting solder flow into the holes. To
minimize the formation of solder voids due to solder flowing
into the via holes (solder wicking), via diameter should be made
small, and an optional solder mask can be used. To optimize the
thermal pad coverage when using the solder mask, its diameter
should be no more than 0.1 mm larger than the via hole
diameter.
Pads are set by customer’s PCB design rules.
Thermal via Holes
—Circular mask, centered on the via holes.
Diameter of the mask should be 0.1 mm larger than the via hole
diameter.
Solder Mask—Bottom Layer
This is set by customer’s PCB design rules.
16mm
6.5mm
Figure 18. Land Pattern—Top Layer
6.5mm
Figure 19. Land Pattern—Bottom Layer
Figure 20. Solder Mask—Top Layer
AD8387 PCB DESIGN RECOMMENDATIONS
Table 5. Land Pattern Dimensions
Pad Size
Pad Pitch
Thermal Pad Size
Thermal Via Structure
0.6 mm × 0.25 mm
0.5 mm
6 mm × 6 mm
0.25 mm − 0.35 mm holes
0.5 mm − 1.0 mm grid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com