Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8387JSVZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8387JSVZ
Description  High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8387JSVZ Datasheet(HTML) 3 Page - Analog Devices

  AD8387JSVZ Datasheet HTML 1Page - Analog Devices AD8387JSVZ Datasheet HTML 2Page - Analog Devices AD8387JSVZ Datasheet HTML 3Page - Analog Devices AD8387JSVZ Datasheet HTML 4Page - Analog Devices AD8387JSVZ Datasheet HTML 5Page - Analog Devices AD8387JSVZ Datasheet HTML 6Page - Analog Devices AD8387JSVZ Datasheet HTML 7Page - Analog Devices AD8387JSVZ Datasheet HTML 8Page - Analog Devices AD8387JSVZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8387
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TA = 25°C, AVCC = 15.5 V, DVCC = 3.3 V, VRH = 9.5 V, VRL = 7 V, TA MIN = 0°C, TA MAX = 75°C still air, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
VIDEO DC PERFORMANCE1
TA MIN to TA MAX ,VFS = 5 V
VDE—Differential Error Voltage
@ DAC code 0
−5.5
−0.8
+5.0
mV
@ DAC code 1024
−4.4
−0.5
+3.6
mV
@ DAC code 2048
−3.6
−0.3
+3.3
mV
@ DAC code 3072
−2.8
−0.3
+2.8
mV
@ DAC code 4095
−2.1
+0.2
+2.1
mV
DAC code range 0 to 4095
−6.0
+6.0
mV
VCME—Common-Mode Error Voltage
@ DAC code 0
−2.5
−0.3
+2.5
mV
@ DAC code 1024
−2.5
−0.3
+2.5
mV
@ DAC code 2048
−2.5
−0.3
+2.5
mV
@ DAC code 3072
−2.5
−0.3
+2.5
mV
@ DAC code 4095
−2.5
−0.3
+2.5
mV
DAC code range 0 to 4095
−3.5
+3.5
mV
ΔVDE—VDE Channel Matching
@ DAC code 0
1.9
4.8
mV
@ DAC code 1024
1.8
4.3
mV
@ DAC code 2048
1.6
4.0
mV
@ DAC code 3072
1.4
3.8
mV
@ DAC code 4095
1.0
2.8
mV
DAC code range 0 to 4095
5.5
mV
ΔV—Channel Matching
@ DAC code 0
2.7
mV
@ DAC code 1024
2.7
mV
@ DAC code 2048
2.5
mV
@ DAC code 3072
2.5
mV
@ DAC code 4095
2.0
mV
DAC code range 0 to 4095
7.5
mV
DNL2
−1
−0.2
LSB
VIDEO OUTPUT DYNAMIC PERFORMANCE
TA MIN to TA MAX
Data Switching Settling Time to 0.25%
VIDx = 5 V step, CL = 150 pF
35
50
ns
Data Switching Settling Time to 1%
22
28
ns
Data Switching Slew Rate
20% to 80%
420
V/μs
CLK and Data Feedthrough3
15
mV p-p
All-Hostile Crosstalk4
Amplitude
69
mV p-p
Glitch Duration
50
ns
DAC Transition Glitch Energy
DAC Code 2047 to 2048
0.4
nV-s
Invert Switching Settling Time to 0.25%
VIDx = 10 V step, CL = 150 pF
70
150
ns
Invert Switching Settling Time to 1%
34
40
ns
Invert Switching Slew Rate
20% to 80%
700
V/μs
Invert Switching Overshoot
25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com