Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM401 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # AM401
Description  INDUSTRIAL VOLTAGE AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM401 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  AM401 Datasheet HTML 1Page - WOLFSPEED, INC. AM401 Datasheet HTML 2Page - WOLFSPEED, INC. AM401 Datasheet HTML 3Page - WOLFSPEED, INC. AM401 Datasheet HTML 4Page - WOLFSPEED, INC. AM401 Datasheet HTML 5Page - WOLFSPEED, INC. AM401 Datasheet HTML 6Page - WOLFSPEED, INC. AM401 Datasheet HTML 7Page - WOLFSPEED, INC. AM401 Datasheet HTML 8Page - WOLFSPEED, INC. AM401 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
INDUSTRIAL VOLTAGE AMPLIFIER IC
AM401
analog microelectronics
Mars 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
4/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
ELECTRICAL SPECIFICATIONS
Tamb = 25°C, VCC = 24V, VREF = 5V, IREF = 1mA (unless otherwise stated)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Voltage Range
VCC
6
35
V
Quiescent Current
ICC
Tamb = – 40...+85°C, IREF = 0mA
1.5
mA
Temperature Specifications
Operating
Tamb
–40
85
°C
Storage
Tst
–55
125
°C
Junction
TJ
150
°C
Thermal Resistance
Θja
DIL16 plastic package
70
°C/W
Θja
SSOP plastic package
120
°C/W
Θja
SO16 narrow plastic package
140
°C/W
Voltage Reference
Voltage
VREF
VSET not connected
4.90
5.00
5.10
V
VREF
VSET = GND, VCC ≥ 11V
9.8
10.0
10.2
V
Current
IREF
0.2
10.0
mA
VREF vs. Temperature
dVREF/dT
Tamb = – 40...+85°C
±90
±140
ppm/°C
Line Regulation
dVREF/dV
VCC = 6V...35V
30
80
ppm/V
dVREF/dV
VCC = 6V...35V, IREF ≈ 5mA
60
150
ppm/V
Load Regulation
dVREF/dI
0.05
0.10
%/mA
dVREF/dI
IREF ≈ 5mA
0.06
0.15
%/mA
Load Capacitance
CL
1.9
2.2
5.0
µF
Current/Voltage Source (OP2)
Internal Reference
VBG
1.20
1.27
1.35
V
VBG vs. Temperature
dVBG/dT
Tamb = – 40...+85°C
±60
±140
ppm/°C
Current Source: ICV = VBG/REXT (see page 10 for details)
Adjustable Current Range
ICV
0
10
mA
Output Voltage
VCV
VCC < 18V
VBG
VCC – 5
V
VCV
VCC ≥ 18V
VBG
13
V
Voltage Source: VCV = VBG (1+R4/R3) (see page 13 for details)
Adjustable Voltage Range
VCV
VCC < 18V
0.4
VCC – 5
V
VCV
VCC ≥ 18V
0.4
13
V
Output Current
ICV
Source
10
mA
ICV
Sink
–100
µA
Load Capacitance
CL
Source mode
0
1
10
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com