Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM401 Datasheet (PDF) - WOLFSPEED, INC.

AM401 Datasheet PDF - WOLFSPEED, INC.
Part # AM401
Download  AM401 Download
File Size   290.66 Kbytes
Page   21 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description INDUSTRIAL VOLTAGE AMPLIFIER IC

AM401 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM401 Datasheet PDF - WOLFSPEED, INC.

Part # AM401
Download  AM401 Click to download

File Size   290.66 Kbytes
Page   21 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description INDUSTRIAL VOLTAGE AMPLIFIER IC

AM401 Datasheet (HTML) - WOLFSPEED, INC.


AM401 Product details

FEATURES
• Supply voltage range: 6...35V
• Wide operating temperature range:
–40°C...+85°C
• Adjustable voltage reference:
5 to 10V
• Additional current/voltage source
• Instrumentation amplifier input
CMVI: 1.5...Vcc-3V
• Operational amplifier input
Vin: 0...Vcc-5V
• Adjustable gain and offset
• Adjustable output voltage range:
0...Vcc-5V, e.g. 0.5...4.5V, 0...5/10V
• Individually configurable function
modules
• Protection against reverse polarity
• Output current limitation
• Short-circuit protection
• Protection against ESD
• RoHS compliant
GENERAL DESCRIPTION
AM401 and AM401P [2] are universal voltage
transmitters designed for differential bridge signal
conditioning. The two devices differ in their offset
and offset drift values. The ICs are modular and
their functional units individually accessible. Both
ICs consist of a high-precision instrumentation
amplifier for differential input signals and an
operational amplifier for input signals referenced
to ground. A robust reference voltage source
(adjustable between 5 and 10V) can be used to
power external components. An operational
amplifier stage whose gain is also adjustable acts
as an output. The devices also contain an
additional operational amplifier which can be used
as a current or voltage source. The IC is protected
against reverse polarity and has an integrated
output current limit. Standard industrial voltages
(e.g. 0–5/10V, 0.5–4.5V) can be easily generated
using transmitter ICs AM401 and AM401P.
APPLICATIONS
Application 1 – Differential input signal, voltage output signal of 0...5/10V
With applications which require an output voltage of 0...5/10V the pin used to configure the
instrumentation amplifier offset (ZA) is connected to the IC’s Ground. Gain G is set using the two
external resistors R1 and R2:




Similar Part No. - AM401

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AM401 AD-AM401 Datasheet
295Kb / 21P
INDUSTRIAL VOLTAGE AMPLIFIER IC
logo
Analog Microelectronics...
AM401 ANALOGMICRO-AM401 Datasheet
290Kb / 21P
INDUSTRIAL VOLTAGE AMPLIFIER IC AM401
March 2006
More results


Similar Description - AM401

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2147 NJRC-NJM2147 Datasheet
225Kb / 5P
DUAL HIGH VOLTAGE AND LOW POWER OPERATIONAL AMPLIFIER IC
logo
List of Unclassifed Man...
PA2460 ETC1-PA2460 Datasheet
251Kb / 12P
Power Amplifier IC
logo
Princeton Technology Co...
PA2464 PTC-PA2464 Datasheet
444Kb / 15P
Power Amplifier IC
logo
NEC
MC5152 NEC-MC5152 Datasheet
298Kb / 2P
HYBRID IC AMPLIFIER
logo
Analog Microelectronics
AM460 AME-AM460 Datasheet
163Kb / 18P
Industrial Converter and Protector IC
logo
Analog Devices
AM400 AD-AM400 Datasheet
317Kb / 21P
UNIVERSAL AMPLIFIER IC
AM401 AD-AM401 Datasheet
295Kb / 21P
INDUSTRIAL VOLTAGE AMPLIFIER IC
logo
Princeton Technology Co...
PA2460 PTC-PA2460 Datasheet
183Kb / 15P
Power Amplifier IC
logo
WOLFSPEED, INC.
AM400 WOLFSPEED-AM400 Datasheet
312Kb / 21P
UNIVERSAL AMPLIFIER IC
Februar 2006 Rev.: 4.3
AM460 WOLFSPEED-AM460 Datasheet
153Kb / 18P
Industrial Converter and Protector IC
April 2003 Rev. 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com