Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM401 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # AM401
Description  INDUSTRIAL VOLTAGE AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM401 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

Back Button AM401 Datasheet HTML 2Page - WOLFSPEED, INC. AM401 Datasheet HTML 3Page - WOLFSPEED, INC. AM401 Datasheet HTML 4Page - WOLFSPEED, INC. AM401 Datasheet HTML 5Page - WOLFSPEED, INC. AM401 Datasheet HTML 6Page - WOLFSPEED, INC. AM401 Datasheet HTML 7Page - WOLFSPEED, INC. AM401 Datasheet HTML 8Page - WOLFSPEED, INC. AM401 Datasheet HTML 9Page - WOLFSPEED, INC. AM401 Datasheet HTML 10Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
INDUSTRIAL VOLTAGE AMPLIFIER IC
AM401
analog microelectronics
Mars 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
6/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Voltage Output Stage (OP1)
Adjustable Gain
GOP
1
Input Range
IR
VCC < 10V
0
VCC – 5
V
IR
VCC ≥ 10V
0
5
V
Power Supply Rejection Ratio
PSRR
80
90
dB
Offset Voltage
VOS
±0.5
±2
mV
VOS vs. Temperature
dVOS/dT
±3
±7
µV/°C
Input Bias Current
IB
5
12
nA
IB vs. Temperature
dIB/dT
3.5
10
pA/°C
Output Voltage Range
VOUT
VCC < 18V
0
VCC – 5
V
VOUT
VCC ≥ 18V
0
13
V
Output Current Limitation
ILIM
VOUT ≥ 10V
5
7
10
mA
Output Current
IOUT
0
ILIM
mA
Load Resistance
RL
2
k
Ω
Load Capacitance
CL
500
nF
Protection Functions
Protection against reverse polarity
Ground vs. VS vs. VOUT R1≥20 kΩ
35
V
Output current limitation
ILIM
VOUT ≥ 10V
10
mA
System Parameters
Nonlinearity
Ideal input
0.05
0.15
%FS
* Depending on external load resistance at output IA (RLIA ≤ 10kΩ ⇒ VOUTIA < 3mV); internal load resistance is ≈ 100kΩ
Currents flowing into the IC are negative
BOUNDARY CONDITIONS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Sum Gain Resistors
R1 + R2
90
200
k
Ω
Sum Reference Adjustment Resistors
R3 + R4
20
200
k
Ω
Stabilization Capacitance @ VREF
C1
1.9
2.2
5.0
µF
VIA Capacitance
C2
10
100
pF
IMPORTANT CONDITION:
*The reference output always has to source 1mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com