Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM401 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # AM401
Description  INDUSTRIAL VOLTAGE AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM401 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  AM401 Datasheet HTML 1Page - WOLFSPEED, INC. AM401 Datasheet HTML 2Page - WOLFSPEED, INC. AM401 Datasheet HTML 3Page - WOLFSPEED, INC. AM401 Datasheet HTML 4Page - WOLFSPEED, INC. AM401 Datasheet HTML 5Page - WOLFSPEED, INC. AM401 Datasheet HTML 6Page - WOLFSPEED, INC. AM401 Datasheet HTML 7Page - WOLFSPEED, INC. AM401 Datasheet HTML 8Page - WOLFSPEED, INC. AM401 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
INDUSTRIAL VOLTAGE AMPLIFIER IC
AM401
analog microelectronics
March 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
1/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
PRINCIPLE FUNCTION
Amplification and conversion of differential signals referenced to ground
to adjustable industrial voltages (0...Vcc-5V, e.g. 0...5/10V etc.)
Variable current/voltage source and integrated protective circuitry
TYPICAL APPLICATIONS
• Transducer for sensor applications, for example
• Analog output stage for microprocessors
• Impedance converter
• Voltage regulator with voltage and current sources
• Analog front-end and back-end IC (Frame ASIC concept [1])
• Adjustable output stage IC
AM401
V = 6…35V
CC
I = 0...10mA
S
Differential
input voltage 400mV
Single-ended
input voltage 0...5V
V = 0...V - 5V
adjustable e.g. 0...10V
OUT
CC
V = 5/10V
REF


Similar Part No. - AM401

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AM401 AD-AM401 Datasheet
295Kb / 21P
INDUSTRIAL VOLTAGE AMPLIFIER IC
logo
Analog Microelectronics...
AM401 ANALOGMICRO-AM401 Datasheet
290Kb / 21P
INDUSTRIAL VOLTAGE AMPLIFIER IC AM401
March 2006
More results

Similar Description - AM401

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2147 NJRC-NJM2147 Datasheet
225Kb / 5P
DUAL HIGH VOLTAGE AND LOW POWER OPERATIONAL AMPLIFIER IC
logo
List of Unclassifed Man...
PA2460 ETC1-PA2460 Datasheet
251Kb / 12P
Power Amplifier IC
logo
Princeton Technology Co...
PA2464 PTC-PA2464 Datasheet
444Kb / 15P
Power Amplifier IC
logo
NEC
MC5152 NEC-MC5152 Datasheet
298Kb / 2P
HYBRID IC AMPLIFIER
logo
Analog Microelectronics
AM460 AME-AM460 Datasheet
163Kb / 18P
Industrial Converter and Protector IC
logo
Analog Devices
AM400 AD-AM400 Datasheet
317Kb / 21P
UNIVERSAL AMPLIFIER IC
AM401 AD-AM401 Datasheet
295Kb / 21P
INDUSTRIAL VOLTAGE AMPLIFIER IC
logo
Princeton Technology Co...
PA2460 PTC-PA2460 Datasheet
183Kb / 15P
Power Amplifier IC
logo
WOLFSPEED, INC.
AM400 WOLFSPEED-AM400 Datasheet
312Kb / 21P
UNIVERSAL AMPLIFIER IC
Februar 2006 Rev.: 4.3
AM460 WOLFSPEED-AM460 Datasheet
153Kb / 18P
Industrial Converter and Protector IC
April 2003 Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com