Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM401 Datasheet(PDF) 15 Page - WOLFSPEED, INC.

Part # AM401
Description  INDUSTRIAL VOLTAGE AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM401 Datasheet(HTML) 15 Page - WOLFSPEED, INC.

Back Button AM401 Datasheet HTML 11Page - WOLFSPEED, INC. AM401 Datasheet HTML 12Page - WOLFSPEED, INC. AM401 Datasheet HTML 13Page - WOLFSPEED, INC. AM401 Datasheet HTML 14Page - WOLFSPEED, INC. AM401 Datasheet HTML 15Page - WOLFSPEED, INC. AM401 Datasheet HTML 16Page - WOLFSPEED, INC. AM401 Datasheet HTML 17Page - WOLFSPEED, INC. AM401 Datasheet HTML 18Page - WOLFSPEED, INC. AM401 Datasheet HTML 19Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
INDUSTRIAL VOLTAGE AMPLIFIER IC
AM401
analog microelectronics
Mars 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
15/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
Application 4 – Input voltage (referenced to ground) of 0...1V and output voltage of 0...10V
For a signal of VIN = 0...1V at the OP1 input the external components are to be dimensioned in such
a way that there is an output voltage range of VOUT = 0...10V. Using the values in Equation 4 the
settable gain has a value of:
10
V
1
V
10
max
max
1
=
=
=
IN
OUT
OP
V
V
G
where VIN is the voltage at OP1 input pin INOP.
According to Equation 5 the below value is calculated for the resistance ratio of the adjustment
resistors:
9
1
1
2
1
=
−
=
OP
G
R
R
With reference to the boundary conditions for external components given on page 6 the following
values are obtained:
R1 ≈ 90kΩ
R2 = 10kΩ
RREF = 5kΩ
C1 = 2.2µF
C
1
R
2
R
REF
R
1
Ground
V
OUT
INOP = IN
V
CC
1
2
3
4
14
13
5
6
11
15
12
V
BG
CVREF
CVSET
IN+
IN_
GND
ZA
OUTIA
INOP
7
8
GAIN
VOUT
VCC
VREF
VSET
Voltage Reference
AM401
+
_
OP2
+
_OP1
+
_ IA
Figure 6:
AM401 with an OP input stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com