Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM401 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # AM401
Description  INDUSTRIAL VOLTAGE AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM401 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  AM401 Datasheet HTML 1Page - WOLFSPEED, INC. AM401 Datasheet HTML 2Page - WOLFSPEED, INC. AM401 Datasheet HTML 3Page - WOLFSPEED, INC. AM401 Datasheet HTML 4Page - WOLFSPEED, INC. AM401 Datasheet HTML 5Page - WOLFSPEED, INC. AM401 Datasheet HTML 6Page - WOLFSPEED, INC. AM401 Datasheet HTML 7Page - WOLFSPEED, INC. AM401 Datasheet HTML 8Page - WOLFSPEED, INC. AM401 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
INDUSTRIAL VOLTAGE AMPLIFIER IC
AM401
analog microelectronics
Mars 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
5/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Instrumentation Amplifier (IA) AM401
Internal Gain
GIA
4.9
5
5.1
Differential Input Voltage Range
VIN
0
±400
mV
Common Mode Input Range
CMIR
VCC < 9V, ICV < 2mA
1.5
VCC – 3
V
CMIR
VCC ≥ 9V, ICV < 2mA
1.5
6.0
V
Common Mode Rejection Ratio
CMRR
80
90
dB
Power Supply Rejection Ratio
PSRR
80
90
dB
Offset Voltage
VOS
±1.5
±6
mV
VOS vs. Temperature
dVOS/dT
±5
µV/°C
Input Bias Current
IB
–120
–300
nA
IB vs. Temperature
dIB/dT
–0.35
–0.8
nA/°C
Output Voltage Range*
VOUTIA
VCC < 9V, RLIA ≤ 10kΩ
0*
VCC – 3
V
VOUTIA
VCC ≥ 9V, RLIA ≤ 10kΩ
0*
6
V
Minimum Output Voltage
VOUTIAmin
Without external load resistance RLIA
5
17
mV
Load Capacitance
CL
250
pF
Instrumentation Amplifier (IA) AM401P
Internal Gain
GIA
4.9
5
5.1
Differential Input Voltage Range
VIN
0
±400
mV
Common Mode Input Range
CMIR
VCC < 9V, ICV < 2mA
1.5
VCC – 3
V
CMIR
VCC ≥ 9V, ICV < 2mA
1.5
6.0
V
Common Mode Rejection Ratio
CMRR
80
90
dB
Power Supply Rejection Ratio
PSRR
80
90
dB
Offset Voltage
VOS
±1,5
mV
VOS vs. Temperature
dVOS/dT
±5
µV/°C
Input Bias Current
IB
–120
–300
nA
IB vs. Temperature
dIB/dT
–0.35
–0.8
nA/°C
Output Voltage Range*
VOUTIA
VCC < 9V, RLIA ≤ 10kΩ
0*
VCC – 3
V
VOUTIA
VCC ≥ 9V, RLIA ≤ 10kΩ
0*
6
V
Minimum Output Voltage
VOUTIAmin
Without external load resistance RLIA
5
17
mV
Load Capacitance
CL
250
pF
Zero Adjust Stage (IA)
Internal Gain
GZA
1
Input Voltage
VZA
VZA ≤ VOUTIA – GIA VIN
0
VOUTIA
V
Offset Voltage
VOS
±0.5
±2.0
mV
VOS vs. Temperature
dVOS/dT
±1.6
±5
µV/°C
Input Bias Current
IB
38
100
nA
IB vs. Temperature
dIB/dT
24
75
pA/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com