Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM401 Datasheet(PDF) 9 Page - WOLFSPEED, INC.

Part # AM401
Description  INDUSTRIAL VOLTAGE AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM401 Datasheet(HTML) 9 Page - WOLFSPEED, INC.

Back Button AM401 Datasheet HTML 5Page - WOLFSPEED, INC. AM401 Datasheet HTML 6Page - WOLFSPEED, INC. AM401 Datasheet HTML 7Page - WOLFSPEED, INC. AM401 Datasheet HTML 8Page - WOLFSPEED, INC. AM401 Datasheet HTML 9Page - WOLFSPEED, INC. AM401 Datasheet HTML 10Page - WOLFSPEED, INC. AM401 Datasheet HTML 11Page - WOLFSPEED, INC. AM401 Datasheet HTML 12Page - WOLFSPEED, INC. AM401 Datasheet HTML 13Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
INDUSTRIAL VOLTAGE AMPLIFIER IC
AM401
analog microelectronics
Mars 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
9/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
()
BG
REF
BG
OFFSET
V
V
R
R
V
V
−
−
=
3
4
(3)
The following applies to the IC’s actual output voltage
VOUT (transfer function of OP1):
INOP
OP
OUT
V
G
V
⋅
=
(4)
with an adjustable gain of
GOP:
1
2
1 +
=
R
R
GOP
(5)
Setting the voltage amplification
The gain of operational amplifier stage OP1 can be set using the suitably selected external resistors
R1 and R2. If OP1 is connected up as a non-inverting amplifier (see: Figure2) output voltage VOUT at
pin VOUT is calculated as follows:
1
OP
IN
OUT
G
V
V
⋅
=
with
1
2
1
1
+
=
R
R
G
OP
where VIN is the voltage at OP1’s input pin INOP.
Selecting the supply voltage
In principle AM401 can be used across the entire supply voltage range defined herein. However,
depending on the output voltage selected and the circuitry of the remaining components certain
boundary conditions apply when selecting VCC:
• When using voltage output pin VOUT the IC’s minimum supply voltage VCC necessary for the
operation of the device depends on the maximum output voltage VOUTmax required by the
application. The following applies:
V
5
max +
≥
OUT
CC
V
V
(6)
• If the additional operational amplifier OP2 is used as a voltage reference or current source, the
minimum supply voltage selected (VCC) depends on the maximum voltage at pin CVREF. The
following applies:
V
5
max +
≥
CVREF
CC
V
V
(7)
When using pin VOUT and operational amplifier OP2 as a voltage reference or current source the
higher value of Vcc must be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com