Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3280ACEZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCA3280ACEZ-R7
Description  DOCSIS 4.0, 24 V Power Doubler Amplifier, 45 MHz to 1794 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3280ACEZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADCA3280ACEZ-R7 Datasheet HTML 1Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 2Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 3Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 4Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 5Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 6Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 7Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 8Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Data Sheet
ADCA3280
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 18
DISTORTION DATA
Downstream All Digital Channel Plan, 8× Orthogonal Frequency Division Multiplexing (OFDM)
Channels, 258 MHz to 1794 MHz
Using the application circuit shown in Figure 24. VDD = 21 V, IDD = 540 mA, TPADDLE = 35°C, and ZS = ZL = 75 Ω, unless otherwise noted.
Device performance is similar to 24 V, as shown in Figure 10.
Table 2. DOCSIS4.0 Distortion Data
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
NOISE POWER RATIO1
NPR
48
dB
20 dB tilt, 6 dB offset at 1026 MHz, TCP = 74 dBmV, frequency =
273 MHz, see Figure 7
46
dB
20 dB tilt, 6 dB offset at 1026 MHz, TCP = 74 dBmV, frequency =
1041 MHz, see Figure 7
47.5
dB
20 dB tilt, 6 dB offset at 1026 MHz, TCP = 74 dBmV, frequency =
1773 MHz, see Figure 7
BIT ERROR RATE
BER
<1 × 10−10
Pre-forward error correction (Pre-FEC) errors, 20 dB tilt, 6 dB
offset at 1026 MHz, TCP = 74 dBmV, 4096 QAM
1 The noise power ratio gives an equivalent result to the standard modulation error rate (MER) testing but with improved dynamic range using an industry-accepted method.
Downstream All Digital Channel Plan, 190×, ITU-T J.83B, Single-Channel Quadrature Amplitude
Modulation (SCQAM) 6 MHz Channels, 54 MHz to 1218 MHz
Using the application circuit shown in Figure 24. VDD = 21 V, IDD = 540 mA, TPADDLE = 35°C, and ZS = ZL = 75 Ω, unless otherwise noted.
Device performance is similar at 24 V, as shown in Figure 17 and Figure 20.
Table 3. DOCSIS3.1 Distortion Data
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
NOISE POWER RATIO1
NPR
48
dB
13 dB tilt, TCP = 74 dBmV, frequency = 111 MHz, see Figure 13
and Figure 14
56
dB
13 dB tilt, TCP = 74 dBmV, frequency = 1218 MHz, see Figure 13
and Figure 14
44
dB
18 dB tilt, TCP = 74 dBmV, frequency = 111 MHz, see Figure 11
and Figure 12
57
dB
18 dB tilt, TCP = 74 dBmV, frequency = 1218 MHz, see Figure 11
and Figure 12
BIT ERROR RATE
BER
<1 × 10−10
Post-Viterbi errors, 13 dB tilt, TCP = 75 dBmV
<1 × 10−10
Post-Viterbi errors, 18 dB tilt, TCP = 74 dBmV
1 The noise power ratio gives an equivalent result to the standard modulation error rate (MER) testing but with improved dynamic range using an industry-accepted method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com