Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3280ACEZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADCA3280ACEZ-R7
Description  DOCSIS 4.0, 24 V Power Doubler Amplifier, 45 MHz to 1794 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3280ACEZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADCA3280ACEZ-R7 Datasheet HTML 10Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 11Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 12Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 13Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 14Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 15Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 16Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 17Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Data Sheet
ADCA3280
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 16 of 18
Table 8. Recommended Application Circuit BOM1
Reference Designator
Value
Tolerance
Minimum
Rating
Footprint
Suggested
Manufacturer
Suggested Part Number
C1, C11, C12, C16, C22, C23
0.01 µF
±10%
50 V
0402
Samsung
CL05B103KB5NNNC
C2
82 pF
±5%
50 V
0402
Yageo
CC0402JRNPO9BN820
C4, C14
2.6 pF
±0.05 pF
25 V
0201
Murata
GJM0335C1E2R6WB01D
C7, C8
0.5 pF
±0.01 pF
100 V
0201
AVX Corporation
02011J0R5ZBSTR
C9, C10
150 pF
±5%
50 V
0201
Murata
GRM0335C1H151JA01D
C13
1000 pF
±10%
100 V
0402
Murata
GRM0335C2AR30BA01D
C17
0.3 pF
±20%
100 V
0201
Murata
GRM155R72A102KA01D
C19, C21
2.2 µF
±10%
50 V
1210
AVX Corporation
TAJB225K050RNJ
C20
0.01 uF
±10%
100 V
0603
TDK
C1608X7R2A103K080AA
E3
1.8 kΩ at 100 MHz
±25%
N/A
0201
Murata
BLM03HD182FN1D
E2
220 Ω at 100 MHz
±25%
N/A
0603
Taiyo Yuden
FBMH1608HM221-T
E4
220 Ω at 100 MHz
±25%
N/A
0402
Murata
BLM15GG221SN1D
L1
2.2 µH
±20%
N/A
1210
Taiyo Yuden
BRL3225T2R2M
L2, L3
420 nH
±5%
N/A
0402
Coilcraft
0402DF-421XJR
R1
7.15 Ω
±1%
N/A
0402
Vishay
CRCW04027R15FKED
R3
3000 Ω
±1%
N/A
0402
Panasonic
ERJ-2RKF3001X
R5
200 Ω
±1%
N/A
0402
Panasonic
ERJ-2RKF2000X
RT1
100 kΩ negative temperature
coefficient (NTC)
±1%
240 mW
0402
Mitsubishi
TH05-4B104FR
T1
1:1 transformer
N/A
N/A
S20
MiniRF
MRFXF0835
T2
1:1 transformer
N/A
N/A
TT1618-2
Mini-Circuits
TRS1-182-75-3+
U1
CATV amplifier
N/A
N/A
9 mm x 8 mm, 9-
terminal
LGA_CAV
Analog Devices, Inc.
ADCA3280
C15, C18
Do not install (DNI)
N/A
N/A
N/A
N/A
N/A
1 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com