Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3280ACEZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADCA3280ACEZ-R7
Description  DOCSIS 4.0, 24 V Power Doubler Amplifier, 45 MHz to 1794 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3280ACEZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCA3280ACEZ-R7 Datasheet HTML 8Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 9Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 10Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 11Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 12Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 13Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 14Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 15Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Data Sheet
ADCA3280
THEORY OF OPERATION
analog.com
Rev. 0 | 12 of 18
The ADCA3280 is a balanced amplifier packaged in a 9-termi-
nal LGA_CAV package. The application circuit interfaces the AD-
CA3280 to a 75 Ω input and output matched impedance consistent
with a matched module designed for community access television
(CATV) applications. The ADCA3280 uses cascode field effect
transistor (FET) feedback amplifiers in a Class A push-pull config-
uration. The bottom half of the cascode stages are implemented
in a single die, linear gallium arsenide (GaAs), FET process that
minimizes parasitics, enabling higher gain. The top devices in the
cascodes are implemented using a linear gallium nitride (GaN)
process that is able to swing high RF voltages. The frequency of
operation is from 45 MHz to 1794 MHz. Application circuits that
use the 45 MHz to 108 MHz frequency range can be developed as
required.
Depending on the application, the ADCA3280 can be biased from
18 V through 24 V with a range of bias currents. The ADCA3280
is unconditionally stable in the recommended application circuit
for robust operation in systems targeting DOCSIS 4.0 and legacy
DOCSIS standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com