Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3280ACEZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADCA3280ACEZ-R7
Description  DOCSIS 4.0, 24 V Power Doubler Amplifier, 45 MHz to 1794 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3280ACEZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCA3280ACEZ-R7 Datasheet HTML 7Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 8Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 9Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 10Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 11Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 12Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 13Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 14Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet
ADCA3280
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 11 of 18
NOISE PERFORMANCE
Noise figure measured using the schematic and layout shown in Figure 24. Reported values include the losses of the balun, PCB traces, and
other components in the input circuit. VDD = 21 V, IDD = 540 mA, TPADDLE = 35°C, and ZS = ZL = 75 Ω, unless otherwise noted.
Figure 21. Noise Figure vs. Frequency over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com