Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3280ACEZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCA3280ACEZ-R7
Description  DOCSIS 4.0, 24 V Power Doubler Amplifier, 45 MHz to 1794 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3280ACEZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCA3280ACEZ-R7 Datasheet HTML 6Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 7Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 8Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 9Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 10Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 11Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 12Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 13Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Data Sheet
ADCA3280
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 10 of 18
Figure 15. NPR vs. TCP over Temperature, 111 MHz, 18 dB Tilt
Figure 16. NPR vs. Frequency over Current, 73 dBmV TCP, 18 dB Tilt
Figure 17. NPR vs. TCP over Voltage, 111 MHz, 18 dB Tilt
Figure 18. NPR vs. TCP over Temperature, 111 MHz, 13 dB Tilt
Figure 19. NPR vs. Frequency over Current, 73 dBmV TCP, 13 dB Tilt
Figure 20. NPR vs. TCP over Voltage, 111 MHz, 13 dB Tilt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com