Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3280ACEZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADCA3280ACEZ-R7
Description  DOCSIS 4.0, 24 V Power Doubler Amplifier, 45 MHz to 1794 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3280ACEZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADCA3280ACEZ-R7 Datasheet HTML 10Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 11Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 12Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 13Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 14Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 15Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 16Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 17Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Data Sheet
ADCA3280
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 15 of 18
RECOMMENDED APPLICATIONS CIRCUIT AND
BOM
The schematic in Figure 24 is recommended for downstream cable
system applications from 108 MHz to 1794 MHz, for both DOCSIS
3.1 and DOCSIS 4.0. Recommended values for all components
are in the BOM listed in Table 8. T1 and T2 are RF transformers
configured to transform the single-ended 75 Ω RF input and output
to differential signals that drive the 37.5 Ω inputs and outputs of the
ADCA3280 (RFIN, RFIP, RFON, and RFOP).
The C1, C2, C4, C7, C8, C9, C10, C14, C15, C16, C17, and
R1 components are intended for impedance matching, and these
components must be optimized to match the RF input source and
RF output load. Capacitors C1, C9, and C10 also serve as DC
blocks for the RF input and output pins. Inductors L2 and L3 are RF
chokes connected to the filtered VDD supply voltage. Components
C11, C12, C13, C18, C19, C20, C21, C22, C23, L1, E2, and E3
are present to filter the DC supply lines. If these lines are otherwise
filtered in the application, then some or all of these components
may not be necessary.
The network connected to the IADJ pin (Pin 2) sets up a voltage to
control the bias current of the amplifier. The RT1 component trims
the adjustment voltage as a function of temperature and provides
more stable bias current over temperature. Expect bias current to
vary ±15 mA over temperature extremes from a nominal set point.
If bias adjustment is not required for the application, R5, C19, and
the IADJ net can be removed, and the ADCA3280 is passively set
to a nominal current by R3 and RT1. Adjustment of the bias current
via IADJ is discussed in detail in the Supply Voltage and Current
section.
When laying out a circuit for the ADCA3280, it is recommended
to follow the layout for the evaluation board shown in the EVAL-AD-
CA3280 User Guide. Particularly important are the relative distan-
ces between the ADCA3280 and T1, T2, as well as the tuning
components in between those components (C4, C7, C8, and C14).
Figure 24. Recommended Application Circuit Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com