Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA3280ACEZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADCA3280ACEZ-R7
Description  DOCSIS 4.0, 24 V Power Doubler Amplifier, 45 MHz to 1794 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3280ACEZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADCA3280ACEZ-R7 Datasheet HTML 10Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 11Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 12Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 13Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 14Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 15Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 16Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 17Page - Analog Devices ADCA3280ACEZ-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
Data Sheet
ADCA3280
OUTLINE DIMENSIONS
©2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 18 of 18
9.10
9.00
8.90
8.10
8.00
7.90
2.51
2.41
2.31
0.446
0.406
0.366
TOP VIEW
SIDE VIEW
BOTTOM VIEW
6.80 BSC
7.40 BSC
EXPOSED
PAD
PIN 1
INDICATOR
4.00
BSC
4.00
BSC
1.95 REF
1.00
BSC
1.70
REF
1.35
BSC
1
4
9
5
0.10
REF
0.65
0.60 SQ
0.55
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
SEATING
PLANE
Ø 0.15 ± 0.03
(VENT HOLE)
Figure 28. 9-Terminal Chip Array Small Outline, No Lead Cavity [LGA_CAV]
9.00 mm × 8.00 mm Body and 2.41 mm Package Height
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADCA3280ACEZ
−30°C to +100°C
9-Terminal Chip Array Small Outline, No Lead Cavity [LGA_CAV]
CE-9-4
ADCA3280ACEZ-R7
−30°C to +100°C
9-Terminal Chip Array Small Outline, No Lead Cavity [LGA_CAV]
Reel, 400
CE-9-4
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Description
ADCA3280-EVALZ
Evaluation Board for the Downstream Cable System Application
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com