Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP425BDT Datasheet(PDF) 127 Page - Intel Corporation

Part # GWIXP425BDT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BDT Datasheet(HTML) 127 Page - Intel Corporation

Back Button GWIXP425BDT Datasheet HTML 123Page - Intel Corporation GWIXP425BDT Datasheet HTML 124Page - Intel Corporation GWIXP425BDT Datasheet HTML 125Page - Intel Corporation GWIXP425BDT Datasheet HTML 126Page - Intel Corporation GWIXP425BDT Datasheet HTML 127Page - Intel Corporation GWIXP425BDT Datasheet HTML 128Page - Intel Corporation GWIXP425BDT Datasheet HTML 129Page - Intel Corporation GWIXP425BDT Datasheet HTML 130Page - Intel Corporation GWIXP425BDT Datasheet HTML 131Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
127
5.5.2.9
JTAG
Figure 42.
Boundary-Scan General Timings
Figure 43.
Boundary-Scan Reset Timings
Table 65.
Boundary-Scan Interface Timings Values
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
Tbscl
JTAG_TCK low time
50
ns
2
Tbsch
JTAG_TCK high time
50
ns
2
Tbsis
JTAG_TDI, JTAG_TMS setup time
to rising edge of JTAG_TCK
10
ns
Tbsih
JTAG_TDI, JTAG_TMS hold time
from rising edge of JTAG_TCK
10
ns
Tbsoh
JTAG_TDO hold time after falling
edge of JTAG_TCK
1.5
ns
1
Tbsod
JTAG_TDO clock to output from
falling edge of JTAG_TCK
40
ns
1
Tbsr
JTAG_TRST_N reset period
30
ns
Tbsrs
JTAG_TMS setup time to rising
edge of JTAG_TRST_N
10
ns
Tbsrh
JTAG_TMS hold time from rising
edge of JTAG_TRST_N
10
ns
Notes:
1.
Tests completed with a TBD pF load to ground on JTAG_TDO.
2.
JTAG_TCK may be stopped indefinitely in either the low or high phase.
B0416-01
Tbsel
Tbsis
Tbsih
Tbsch
JTG_TCK
JTG_TMS, JTG_TDI
JTG_TDO
Tbsoh
Tbsod
A9597-01
Tbsr
Tbsrs Tbsrh
JTG_TRST_N
JTG_TMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com