Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP425BDT Datasheet(PDF) 129 Page - Intel Corporation

Part # GWIXP425BDT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BDT Datasheet(HTML) 129 Page - Intel Corporation

Back Button GWIXP425BDT Datasheet HTML 125Page - Intel Corporation GWIXP425BDT Datasheet HTML 126Page - Intel Corporation GWIXP425BDT Datasheet HTML 127Page - Intel Corporation GWIXP425BDT Datasheet HTML 128Page - Intel Corporation GWIXP425BDT Datasheet HTML 129Page - Intel Corporation GWIXP425BDT Datasheet HTML 130Page - Intel Corporation GWIXP425BDT Datasheet HTML 131Page - Intel Corporation GWIXP425BDT Datasheet HTML 132Page - Intel Corporation GWIXP425BDT Datasheet HTML 133Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
129
5.6
Power Sequence
The 3.3-V I/O voltage (VCCP) must be powered up 1 µs before the core voltage (VCC). The
IXP42X product line and IXC1100 control plane processors’ core voltage (VCC) must never
become stable prior to the 3.3-V I/O voltage (VCCP). The VCCOSC, VCCPLL1, and VCCPLL2
voltages follow the VCC power-up pattern. The VCCOSCP follows the VCCP power-up pattern. The
value for TPOWER_UP must be at least 1 µs. The TPOWER_UP timing parameter is measured from
VCCP at 3.3 V and VCC at 1.3 V. There are no power-down requirements for the IXP42X product
line and IXC1100 control plane processors.
Table 66.
Reset Timings Table Parameters
Symbol
Parameter
Min.
Typ.
Max.
Units
Note
TRELEASE_PWRON_RST_N
Minimum time required to hold the
PWRON_RST_N at logic 0 state after
stable power has been applied to the
IXP42X product line and IXC1100 control
plane processors. When using a crystal
to drive the processors’ system clock.
(OSC_IN and OSC_OUT)
500
ms
1
TRELEASE_RESET_IN_N
Minimum time required to hold the
RESET_IN_N at logic 0 state after
PWRON_RST_N has been released to a
logic 1 state. The RESET_IN_N signal
must be held low when the
PWRON_RST_N signal is held low.
10
ns
TPLL_LOCK
Maximum time for PLL_LOCK signal to
drive to logic 1 after RESET_IN_N is
driven to logic 1 state. The boot
sequence does not occur until this period
is complete.
10
µs
TEX_ADDR_SETUP
Minimum time for the EX_ADDR signals
to drive the inputs prior to RESET_IN_N
being driven to logic 1 state. This is used
for sampling configuration information.
50
ns
2
TEX_ADDR_HOLD
Minimum/maximum time for the
EX_ADDR signals to drive the inputs
prior to PLL_LOCK being driven to logic 1
state. This is used for sampling
configuration information.
020
ns
2
TWARM_RESET
Minimum time required to drive
RESET_IN_N signal to logic 0 in order to
cause a reset after the IXP42X product
line and IXC1100 control plane
processors has been in normal operation.
The power must remain stable and the
PWRON_RST_N signal must remain
stable.
500
ns
Notes:
1.
TRELEASE_PWRON_RST_N is the time required for the internal oscillator to reach stability. When an
external oscillator is being used in place of a crystal, the 500-ms delay is not required.
2.
The expansion bus address is captured as a derivative of the RESET_IN_N signal going high. When a
programmable-logic device is used to drive the EX_ADDR signals instead of pull-downs, the signals
must be active until PLL_LOCK is active.
3.
PLL_LOCK is deasserted immediately when watchdog timer event occurs, or when RESET_IN_N is
asserted, or when PWRON_RST_N is asserted. PLL_LOCK remains deasserted for ~24 ref_clocks
after the watchdog reset is deasserted (internal to the chip). A ref clock time period is 1/CLKIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com