Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP425BDT Datasheet(PDF) 132 Page - Intel Corporation

Part # GWIXP425BDT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP425BDT Datasheet(HTML) 132 Page - Intel Corporation

Back Button GWIXP425BDT Datasheet HTML 126Page - Intel Corporation GWIXP425BDT Datasheet HTML 127Page - Intel Corporation GWIXP425BDT Datasheet HTML 128Page - Intel Corporation GWIXP425BDT Datasheet HTML 129Page - Intel Corporation GWIXP425BDT Datasheet HTML 130Page - Intel Corporation GWIXP425BDT Datasheet HTML 131Page - Intel Corporation GWIXP425BDT Datasheet HTML 132Page - Intel Corporation GWIXP425BDT Datasheet HTML 133Page - Intel Corporation GWIXP425BDT Datasheet HTML 134Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 132 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
132
Document Number: 252479, Revision: 005
Table 68.
ICC and Total Average Power – Extended Temperature Range
Speed
Symbol
Description
Typical
Current and
Power1
Max. Current2
Average Max.
Power2
266 MHz
Icc
Core supply
current
0.70A
0.95A
1.3W
Iccp
I/O supply
current
0.17A
0.26A
0.9W
PTOTAL
Total average
power both
supplies
1.5W
2.2W
400 MHz
Icc
Core supply
current
0.75A
1.05A
1.43W
Iccp
I/O supply
current
0.17A
0.26A
0.9W
PTOTAL
Total average
power both
supplies
1.57W
2.33W
533 MHz
Icc
Core supply
current
0.82A
1.15A
1.57W
Iccp
I/O supply
current
0.17A
0.26A
0.9W
PTOTAL
Total average
power both
supplies
1.66W
2.47W
Notes:
1.
Typical current ICC and ICCP are not tested. Typical currents were measured on the Intel® IXDP425 /
IXCDP1100 Development Platform at room temperature using typical SKU silicon samples. A
SmartBits* tester was used in a router application running Linux on the KIXDP425BD. Two Ethernet
NPEs, and two Ethernet controller PCI cards were used in this router application. Typical case power
supply voltages VCC = 1.327 V, VCCP = 3.363 V. Typical operating temperature is room
temperature.
2.
Maximum voltages: VCC = 1.365 V, VCCP = 3.465 V, VCCosc= 1.365 V, VCCPLL1= 1.365 V,
VCCPLL2= 1.365 V, maximum capacitive loading on all I/O pins of 50 pF. Maximum ICC and ICCP
are steady state currents at maximum operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com