Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16821 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16821
Description  20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16821 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74ALVT16821 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Nexperia
74ALVT16821
20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
74ALVT16821
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 22 January 2018
5 / 16
7 Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+4.6
V
VI
input voltage
[1]
-1.2
+7.0
V
VO
output voltage
output in OFF-state or HIGH-state
[1]
-0.5
+7.0
V
IIK
input clamping current
VI < 0 V
-
-50
mA
IOK
output clamping current
VO < 0 V
-
-50
mA
output in LOW-state
-
128
mA
IO
output current
output in HIGH-state
-
-64
mA
Tstg
storage temperature
-65
+150
°C
Tj
junction temperature
[2]
-
150
°C
[1] The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
[2] The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are
detrimental to reliability.
8 Recommended operating conditions
Table 5. Recommended operating conditions
VCC = 2.5 V ± 0.2 V
VCC = 3.3 V ± 0.3 V
Symbol Parameter
Conditions
Min
Max
Min
Max
Unit
VCC
supply voltage
2.3
2.7
3.0
3.6
V
VI
input voltage
0
5.5
0
5.5
V
IOH
HIGH-level output current
-
-8
-
-32
mA
none
-
8
-
32
mA
IOL
LOW-level output current
current duty cycle ≤ 50 %;
f ≥ 1 kHz
-
24
-
64
mA
Δt/ΔV
input transition rise and
fall rate
outputs enabled
-
10
-
10
ns/V
Tamb
ambient temperature
free-air
-40
+85
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com