Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16821 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16821
Description  20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16821 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74ALVT16821 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Nexperia
74ALVT16821
20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
74ALVT16821
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 22 January 2018
2 / 16
3 Ordering information
Table 1. Ordering information
Package
Type number
Temperature range
Name
Description
Version
74ALVT16821DGG
-40 °C to +85 °C
TSSOP56 plastic thin shrink small outline package;
56 leads; body width 6.1 mm
SOT364-1
4 Functional diagram
001aad153
2D0 2D1 2D2 2D3 2D4 2D5 2D6 2D7 2D8 2D9
2Q0 2Q1 2Q2 2Q3 2Q4 2Q5 2Q6 2Q7 2Q8 2Q9
42 41 40 38 37 36 34 33 31 30
15 16 17 19 20 21 23 24 26 27
28
2OE
29
2CP
1D0 1D1 1D2 1D3 1D4 1D5 1D6 1D7 1D8 1D9
1Q0 1Q1 1Q2 1Q3 1Q4 1Q5 1Q6 1Q7 1Q8 1Q9
55 54 52 51 49 48 47 45 44 43
2
3
5
6
8
9
10 12 13 14
1
1OE
56
1CP
Figure 1. Logic symbol
29
28
56
EN4
1
EN2
1OE
1CP
2OE
2CP
1D0
1D1
1D2
1D3
1D4
1D5
1D6
1D7
1D8
1D9
2D0
2D1
2D2
2D3
2D4
2D5
2D6
2D7
2D8
2D9
1Q0
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
1Q8
1Q9
2Q0
2Q1
2Q2
2Q3
2Q4
2Q5
2Q6
2Q7
2Q8
2Q9
C3
C1
2
1D
3D
4
001aad155
42
41
40
38
37
36
34
33
31
30
15
16
17
19
20
21
23
24
26
27
55
54
52
51
49
48
47
45
44
43
2
3
5
6
8
9
10
12
13
14
Figure 2. IEC logic symbol
001aad156
D
CP Q
nD2
nCP
nOE
nQ2
D
CP Q
nD3
nQ3
D
CP Q
nD4
D
CP Q
nD0
nQ0
D
CP Q
nD1
nQ1
nQ4
D
CP Q
nD5
nQ5
D
CP Q
nD6
nQ6
D
CP Q
nD7
nQ7
D
CP Q
nD8
nQ8
D
CP Q
nD9
nQ9
Figure 3. Logic diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com