Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16821 Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16821
Description  20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16821 Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT16821 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Nexperia
74ALVT16821
20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
74ALVT16821
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 22 January 2018
11 / 16
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae331
VEXT
VCC
VI
VO
DUT
CL
RT
RL
RL
G
Test data is given in Table 9.
Definitions test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = Test voltage for switching times.
Figure 8. Test circuit for measuring switching times
Table 9. Test data
Input
Load
VEXT
VI
fi
tW
tr, tf
CL
RL
tPHZ, tPZH tPLZ, tPZL
tPLH, tPHL
3.0 V or VCC
whichever is less
≤ 10 MHz
500 ns
≤ 2.5 ns
50 pF
500 Ω
GND
6 V or VCC x 2 open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com