Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16821 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16821
Description  20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16821 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT16821 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Nexperia
74ALVT16821
20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
74ALVT16821
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 22 January 2018
9 / 16
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
VCC = 3.3 V ± 0.3 V
tPLH
LOW to HIGH propagation delay
nCP to nQn; see Figure 5
0.5
1.7
3.0
ns
tPHL
HIGH to LOW propagation delay
nCP to nQn; see Figure 5
0.5
1.8
3.2
ns
tPZH
OFF-state to HIGH propagation delay
nOE to nQn; see Figure 7
1.0
2.1
3.5
ns
tPZL
OFF-state to LOW propagation delay
nOE to nQn; see Figure 7
0.5
1.4
3.0
ns
tPHZ
HIGH to OFF-state propagation delay
nOE to nQn; see Figure 7
1.5
2.9
4.2
ns
tPLZ
LOW to OFF-state propagation delay
nOE to nQn; see Figure 7
1.5
2.4
3.4
ns
nDn to nCP; HIGH; see Figure 6
1.5
0.1
-
ns
tsu
set-up time
nDn to nCP; LOW; see Figure 6
1.5
0.1
-
ns
nDn to nCP; HIGH; see Figure 6
0.5
0.1
-
ns
th
hold time
nDn to nCP; LOW; see Figure 6
0.5
0.1
-
ns
nCP HIGH; see Figure 5
1.5
-
-
ns
tW
pulse width
nCP LOW
1.5
-
-
ns
fmax
maximum frequency
nCP; see Figure 5
150
-
-
MHz
[1] All typical values for VCC = 2.5 V ± 0.2 V are measured at VCC = 2.5 V and Tamb = 25 °C.
All typical values for VCC = 3.3 V ± 0.3 V are measured at VCC = 3.3 V and Tamb = 25 °C.
10.1 Waveforms and test circuit
001aaa256
nCP input
nQn output
tPHL
tPLH
tW
VOH
VI
GND
VOL
VM
VM
VM
1/fmax
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Figure 5. Propagation delay clock input (nCP) to output (nQn), clock pulse (nCP) width and maximum clock
frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com