Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16821 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16821
Description  20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16821 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT16821 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Nexperia
74ALVT16821
20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
74ALVT16821
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 22 January 2018
8 / 16
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
ΔICC
additional supply current per input pin; VCC = 3 V to 3.6 V;
one input at VCC - 0.6 V;
other inputs at VCC or GND
[6]
-
0.04
0.4
mA
CI
input capacitance
VI = 0 V or VCC
-
3
-
pF
CO
output capacitance
VO = 0 V or VCC
-
9
-
pF
[1] All typical values for VCC = 2.5 V ± 0.2 V are measured at VCC = 2.5 V and Tamb = 25 °C.
All typical values for VCC = 3.3 V ± 0.3 V are measured at VCC = 3.3 V and Tamb = 25 °C.
[2] For valid test results, data must not be loaded into the flip-flops (or latches) after applying power.
[3] Unused pins at VCC or GND.
[4] This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms.
From VCC = 1.2 V to (2.5 ± 0.2) V a transition time of 100 μs is permitted. This parameter is valid for Tamb = 25 °C only.
[5] ICC with outputs disabled is measured with outputs pulled to VCC or GND.
[6] This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
[7] This is the bus hold overdrive current required to force the input to the opposite logic state.
[8] This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms.
From VCC = 1,2 V to (3.3 ± 0.3) V a transition time of 100 μs is permitted. This parameter is valid for Tamb = 25 °C only.
10 Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); Tamb = -40 °C to +85 °C; for test circuit see Figure 8.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
VCC = 2.5 V ± 0.2 V
tPLH
LOW to HIGH propagation delay
nCP to nQn; see Figure 5
1.0
2.6
4.0
ns
tPHL
HIGH to LOW propagation delay
nCP to nQn; see Figure 5
1.0
2.7
4.4
ns
tPZH
OFF-state to HIGH propagation delay
nOE to nQn; see Figure 7
1.5
2.8
4.6
ns
tPZL
OFF-state to LOW propagation delay
nOE to nQn; see Figure 7
1.0
1.8
4.1
ns
tPHZ
HIGH to OFF-state propagation delay
nOE to nQn; see Figure 7
1.5
2.7
4.4
ns
tPLZ
LOW to OFF-state propagation delay
nOE to nQn; see Figure 7
1.0
2.1
3.3
ns
nDn to nCP; HIGH; see Figure 6
1.5
0.1
-
ns
tsu
set-up time
nDn to nCP; LOW; see Figure 6
2.0
0.5
-
ns
nDn to nCP; HIGH; see Figure 6
0.3
-0.5
-
ns
th
hold time
nDn to nCP; LOW; see Figure 6
0.5
-0.1
ns
nCP HIGH; see Figure 5
1.5
-
-
ns
tW
pulse width
nCP LOW
1.5
-
-
ns
fmax
maximum frequency
nCP; see Figure 5
150
-
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com