Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16821 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16821
Description  20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16821 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74ALVT16821 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
74ALVT16821
20-bit bus interface D-type flip-flop; positive-edge trigger;
3-state
Rev. 4 — 22 January 2018
Product data sheet
1 General description
The 74ALVT16821 high-performance BiCMOS device combines low static and dynamic
power dissipation with high speed and high output drive. It is designed for VCC operation
at 2.5 V or 3.3 V with I/O compatibility to 5 V.
The 74ALVT16821 has two 10-bit, edge triggered registers, with each register coupled to
a 3-state output buffer. The two sections of each register are controlled independently by
the clock (nCP) and output enable (nOE) control gates.
Each register is fully edge triggered. The state of each D input, one set-up time before
the LOW-to-HIGH clock transition, is transferred to the corresponding flip-flops Q output.
The 3-state output buffers are designed to drive heavily loaded 3-state buses,
MOS memories, or MOS microprocessors.
The active low output enable (nOE) controls all ten 3-state buffers independent of the
register operation. When nOE is LOW, the data in the register appears at the outputs.
When nOE is HIGH, the outputs are in high-impedance OFF-state, which means they will
neither drive nor load the bus.
2 Features and benefits
• 20-bit positive-edge triggered register
• 5 V I/O compatible
• Multiple VCC and GND pins minimize switching noise
• Bus hold data inputs eliminate the need for external pull-up resistors to hold unused
inputs
• Live insertion and extraction permitted
• Power-up reset
• Power-up 3-state
• Output capability: +64 mA and -32 mA
• Latch-up protection:
– JESD78: exceeds 500 mA
• ESD protection:
– MIL STD 883, method 3015: exceeds 2000 V
– MM: exceeds 200 V


Similar Part No. - 74ALVT16821

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16821 PHILIPS-74ALVT16821 Datasheet
94Kb / 13P
20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 13
74ALVT16821DGG PHILIPS-74ALVT16821DGG Datasheet
94Kb / 13P
20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 13
74ALVT16821DL PHILIPS-74ALVT16821DL Datasheet
94Kb / 13P
20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 13
More results

Similar Description - 74ALVT16821

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16374B PHILIPS-74ABT16374B Datasheet
86Kb / 10P
16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT16821A PHILIPS-74ABT16821A Datasheet
80Kb / 10P
20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ALVCH16821 PHILIPS-74ALVCH16821 Datasheet
95Kb / 12P
20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 May 29
74ALVT162821 PHILIPS-74ALVT162821 Datasheet
97Kb / 12P
2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State
1998 Oct 02
74ALVT16821 PHILIPS-74ALVT16821 Datasheet
94Kb / 13P
20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 13
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT16821A NXP-74ABT16821A Datasheet
153Kb / 16P
20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-16 March 2010
logo
Nexperia B.V. All right...
74ALVT162821 NEXPERIA-74ALVT162821 Datasheet
261Kb / 15P
20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
Rev. 5 - 19 October 2020
74ALVCH16821 NEXPERIA-74ALVCH16821 Datasheet
199Kb / 15P
20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 2 February 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com