Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16821 Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16821
Description  20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16821 Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT16821 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74ALVT16821 Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Nexperia
74ALVT16821
20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
74ALVT16821
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 22 January 2018
12 / 16
11 Package outline
UNIT
A1
A2
A3
bp
c
D(1)
E(2)
e
HE
L
Lp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.2
0.1
8
0
o
o
0.1
DIMENSIONS (mm are the original dimensions).
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
SOT364-1
99-12-27
03-02-19
w M
θ
A
A1
A2
D
Lp
Q
detail X
E
Z
e
c
L
X
(A )
3
0.25
1
28
56
29
y
pin 1 index
b
H
1.05
0.85
0.28
0.17
0.2
0.1
14.1
13.9
6.2
6.0
0.5
1
8.3
7.9
0.50
0.35
0.5
0.1
0.08
0.25
0.8
0.4
p
E
v M A
A
TSSOP56: plastic thin shrink small outline package; 56 leads; body width 6.1 mm
SOT364-1
A
max.
1.2
0
2.5
5 mm
scale
MO-153
Figure 9. Package outline SOT364-1 (TSSOP56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com