Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8178TK Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPC8178TK
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8178TK Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPC8178TK Datasheet HTML 17Page - Renesas Technology Corp UPC8178TK Datasheet HTML 18Page - Renesas Technology Corp UPC8178TK Datasheet HTML 19Page - Renesas Technology Corp UPC8178TK Datasheet HTML 20Page - Renesas Technology Corp UPC8178TK Datasheet HTML 21Page - Renesas Technology Corp UPC8178TK Datasheet HTML 22Page - Renesas Technology Corp UPC8178TK Datasheet HTML 23Page - Renesas Technology Corp UPC8178TK Datasheet HTML 24Page - Renesas Technology Corp UPC8178TK Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
f = 2.4 GHz MATCHING
START 100.000 000 MHz
STOP 3 100.000 000 MHz
START 100.000 000 MHz
STOP 3 100.000 000 MHz
START 100.000 000 MHz
STOP 3 100.000 000 MHz
START 100.000 000 MHz
STOP 3 100.000 000 MHz
START 100.000 000 MHz
STOP 3 100.000 000 MHz
1
MARKER 1
2.4 GHz
MARKER 1
2.4 GHz
1
1: 26.945
Ω –32.572 Ω
2.0359 pF
1: 47.047
Ω 13.205 Ω
875.69 pH
S21 log
MAG
2 dB/
REF 0 dB
1 : 11.623 dB
S11 log
MAG
2 dB/
REF 0 dB
1 : –10.022 dB
1
1
VCC = 3.3 V
2.4 V
3.0 V
2.7 V
S22 log
MAG
2 dB/
REF 0 dB
1 : –16.424 dB
0
2
4
6
8
10
12
14
16
18
20
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
VCC = 2.4 V
2.7 V
3.3 V
3.0 V
1
S11-FREQUENCY
S22-FREQUENCY
S21-FREQUENCY
S12-FREQUENCY
S11-FREQUENCY
S22-FREQUENCY
VCC = 3.0 V,
ICC = 2.11 mA
Pin = –30 dBm
VCC = 3.0 V,
ICC = 2.11 mA
Pin = –30 dBm
Pin = –30 dBm,
MARKER 1
f = 2.4 GHz
Pin = –30 dBm,
MARKER 1
f = 2.4 GHz
–20
VCC = 2.4 V
2.7 V
3.0 V
3.3 V
Pin = –30 dBm,
MARKER 1
f = 2.4 GHz
START 100.000 000 MHz
STOP 3 100.000 000 MHz
1
S12 log
MAG
5 dB/
REF –20 dB
1 : –41.967 dB
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
–70
Pin = –30 dBm,
MARKER 1
f = 2.4 GHz
VCC = 2.4 V
2.7 V
3.0 V
3.3 V
VCC = 2.4 V
2.7 V
3.0 V
3.3 V
Remark The graphs indicate nominal characteristics.
Data Sheet PU10063EJ02V0DS
19
µPC8178TK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com