Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG303ABK Datasheet(PDF) 7 Page - TEMIC Semiconductors

Part # DG303ABK
Description  CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG303ABK Datasheet(HTML) 7 Page - TEMIC Semiconductors

Back Button DG303ABK Datasheet HTML 2Page - TEMIC Semiconductors DG303ABK Datasheet HTML 3Page - TEMIC Semiconductors DG303ABK Datasheet HTML 4Page - TEMIC Semiconductors DG303ABK Datasheet HTML 5Page - TEMIC Semiconductors DG303ABK Datasheet HTML 6Page - TEMIC Semiconductors DG303ABK Datasheet HTML 7Page - TEMIC Semiconductors DG303ABK Datasheet HTML 8Page - TEMIC Semiconductors DG303ABK Datasheet HTML 9Page - TEMIC Semiconductors DG303ABK Datasheet HTML 10Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DG300A/301A/302A/303A
Siliconix
S-52880—Rev. C, 28-Apr-97
7
Typical Characteristics (Cont’d)
"10
Supply Current vs. Temperature
Leakage vs. Temperature
Switching Time vs. Power Supply Voltage
Off Isolation and Crosstalk vs. Frequency
Supply Curents vs. Switching Frequency
Temperature (
_C)
f – Frequency (Hz)
f – Frequency (Hz)
Temperature (
_C)
Supply Voltage (V)
–55 –35 –15
5
25
45
65
85
105
125
500
400
300
200
100
0
–100
I+
I–
–55 –35
–15
5
25
45
65
85
105
125
V+ = 15 V
V– = –15 V
VS, VD = "14 V
10 pA
ID(on)
ID(off) or IS(off)
100 pA
1 nA
10 nA
100 nA
–120
–20
10 k
100 k
1 M
10 M
V+ = +15 V
V– = –15 V
RL= 50 W
Crosstalk
Off Isolation
–100
–80
–60
–40
15
0
+I
–I
V+ = 15 V
V– = –15 V
5
10
1 k
10 k
100 k
1 M
400
350
300
250
200
150
100
50
0
V+ = 15 V
V– = –15 V
tOFF
tON
"12
"14
"16
"18
"20
"22
Switching Time vs. Temperature
Temperature (
_C)
–55
400
350
300
250
200
150
100
50
–35
–15
5
25
45
65
85
105
125
0
tOFF
tON
V+ = 15 V
V– = –15 V
VS = 3 V
V+ = 15 V
V– = –15 V
VIN = 4 V (One Input)
(All Other = 0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com