Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG303ABK Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # DG303ABK
Description  CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG303ABK Datasheet(HTML) 6 Page - TEMIC Semiconductors

Back Button DG303ABK Datasheet HTML 2Page - TEMIC Semiconductors DG303ABK Datasheet HTML 3Page - TEMIC Semiconductors DG303ABK Datasheet HTML 4Page - TEMIC Semiconductors DG303ABK Datasheet HTML 5Page - TEMIC Semiconductors DG303ABK Datasheet HTML 6Page - TEMIC Semiconductors DG303ABK Datasheet HTML 7Page - TEMIC Semiconductors DG303ABK Datasheet HTML 8Page - TEMIC Semiconductors DG303ABK Datasheet HTML 9Page - TEMIC Semiconductors DG303ABK Datasheet HTML 10Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DG300A/301A/302A/303A
6
Siliconix
S-52880—Rev. C, 28-Apr-97
Typical Characteristics
rDS(on) vs. VD and Power Supply
Charge Injection vs. Analog Voltage
Switching Time and Break-Before-Make Time
vs. Positive Supply Voltage
rDS(on) vs. VD and Temperature
rDS(on) vs. VD and Power Supply Voltage
VD – Drain Voltage (V)
VD – Drain Voltage (V)
VD – Drain Voltage (V)
VS – Source Voltage (V)
V+ – Positive Supply (V)
90
–25
–15
–5
5
15
25
70
50
30
10
"5 V
TA = 25°C
60
–15
–10
–5
0
5
10
15
50
40
30
20
10
V+ = 15 V
V– = –15 V
0
5
10
15
20
20
V– = 0 V
TA = 25°C
50
–15
–10
–5
0
5
10
15
40
30
20
10
0
V+ = 15 V
V– = –15 V
CL = 1 nF
500
0
5
10
15
400
300
200
100
0
DG301/303 Only
tOPEN
tOFF
tON
V– = –15 V
TA = 25_C
VINH = 4 V
VINL = 0 V
TA = 125_C
TA = 25_C
TA = –55_C
"8 V
"10 V
"12 V
"15 V
"20 V
40
60
80
100
7.5 V
10 V
15 V
20 V
Input Switching Threshold
vs. Positive Supply Voltage
V+ – Positive Supply (V)
0
5
4
3
2
1
510
15
V– = –15 V
TA = 25_C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com