Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG303ABK Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # DG303ABK
Description  CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG303ABK Datasheet(HTML) 1 Page - TEMIC Semiconductors

  DG303ABK Datasheet HTML 1Page - TEMIC Semiconductors DG303ABK Datasheet HTML 2Page - TEMIC Semiconductors DG303ABK Datasheet HTML 3Page - TEMIC Semiconductors DG303ABK Datasheet HTML 4Page - TEMIC Semiconductors DG303ABK Datasheet HTML 5Page - TEMIC Semiconductors DG303ABK Datasheet HTML 6Page - TEMIC Semiconductors DG303ABK Datasheet HTML 7Page - TEMIC Semiconductors DG303ABK Datasheet HTML 8Page - TEMIC Semiconductors DG303ABK Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Metal Can
IN2
Top View
S2
V–
D2
D1
V+ (Substrate and Case)
S1
IN1
NC
GND
1
2
3
4
5
6
7
8
9
10
NC
V+
D1
D2
NC
NC
S1
S2
NC
IN2
IN1
NC
GND
V–
Dual-In-Line
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
DG300A
DG300A
DG300A/301A/302A/303A
Siliconix
S-52880—Rev. C, 28-Apr-97
1
CMOS Analog Switches
Features
Benefits
Applications
D Analog Signal Range: "15 V
D Fast Switching—tON: 150 ns
D Low On-Resistance—rDS(on): 30 W
D Single Supply Operation
D Latch-up Proof
D CMOS Compatible
D Full Rail-to-Rail Analog Signal
Range
D Low Signal Error
D Low Power Dissipation
D Low Level Switching Circuits
D Programmable Gain Amplifiers
D Portable and Battery Powered
Systems
Description
The DG300A-DG303A family of monolithic CMOS
switches feature three switch configuration options (SPST,
SPDT,
and
DPST)
for
precision
applications
in
communications, instrumentation and process control,
where low leakage switching combined with low power
consumption are required.
Designed on the Siliconix PLUS-40 CMOS process, these
switches are latch-up proof, and are designed to block up to
30 V peak-to-peak when off. An epitaxial layer prevents
latchup.
In the on condition the switches conduct equally well in
both directions (with no offset voltage) and minimize error
conditions with their low on-resistance.
Featuring low power consumption (3.5 mW typ) these
switches are ideal for battery powered applications, without
sacrificing
switching
speed.
Designed
for
break-before-make switching action, these devices are
CMOS and quasi TTL compatible. Single supply operation
is allowed by connecting the V– rail to 0 V.
Functional Block Diagram and Pin Configuration
Truth Table
Logic
Switch
0
OFF
1
ON
Logic “0”
v 08V
Logic “0”
v 0.8 V
Logic 0
v 0.8 V
Logic “1”
w 4V
Logic “1”
w 4 V
Logic 1
w 4 V
Updates to this data sheet may be obtained via facsimile by calling Siliconix FaxBack, 1-408-970-5600. Please request FaxBack document #70044.


Similar Part No. - DG303ABK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG303ABK INTERSIL-DG303ABK Datasheet
83Kb / 7P
TTL-Compatible, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG303ABK MAXIM-DG303ABK Datasheet
389Kb / 10P
TTL Compatible CMOS Analog Switches
Rev 1; 6/99
logo
Intersil Corporation
DG303ABK INTERSIL-DG303ABK Datasheet
308Kb / 7P
TTL-Compatible, CMOS Analog Switches
May 2001
More results

Similar Description - DG303ABK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
CMOS Analog Switches
April 6, 2005
logo
Vishay Siliconix
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
CMOS Analog Switches
27-Jun-05
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
CMOS Analog Switches
22-Jan-01
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
CMOS Analog Switches
Rev 1; 5/04
logo
Vishay Siliconix
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
CMOS Analog Switches
28-Feb-11
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
CMOS Analog Switches
22-Jan-01
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
CMOS Analog Switches
11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
CMOS Analog Switches
16-Jul-01
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
CMOS Analog Switches
11-Aug-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com