Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG303ABK Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # DG303ABK
Description  CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG303ABK Datasheet(HTML) 5 Page - TEMIC Semiconductors

  DG303ABK Datasheet HTML 1Page - TEMIC Semiconductors DG303ABK Datasheet HTML 2Page - TEMIC Semiconductors DG303ABK Datasheet HTML 3Page - TEMIC Semiconductors DG303ABK Datasheet HTML 4Page - TEMIC Semiconductors DG303ABK Datasheet HTML 5Page - TEMIC Semiconductors DG303ABK Datasheet HTML 6Page - TEMIC Semiconductors DG303ABK Datasheet HTML 7Page - TEMIC Semiconductors DG303ABK Datasheet HTML 8Page - TEMIC Semiconductors DG303ABK Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DG300A/301A/302A/303A
Siliconix
S-52880—Rev. C, 28-Apr-97
5
Specificationsa
Conditions Unless Other-
wise Specified
V15 V V
15 V
A Suffix
–55 to 125
_C
B/C Suffix
Parameter
Symbol
V+ = 15 V, V– = –15 V
VIN = 0.8 V or VIN = 4 Vf
Tempb
Typc
Mind
Maxd Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
–15
15
–15
15
V
Drain-Source On-Resistance
rDS(on)
VD = "10 V, IS = –10 mA
Room
Full
30
50
75
50
75
W
Source Off Leakage Current
IS(off)
VS = "14 V VD = #14 V
Room
Hot
"0.1
–1
–100
1
100
–5
–100
5
100
Drain Off Leakage Current
ID(off)
VS = "14 V, VD = #14 V
Room
Hot
"0.1
–1
–100
1
100
–5
–100
5
100
nA
Drain On Leakage Current
ID(on)
VD = VS = "14 V
Room
Hot
"0.1
–1
–100
1
100
–5
–100
5
100
Digital Control
Input Current with
IV l
Hi h
IINH
VIN = 5 V
Room
Full
–0.001
–1
–1
–1
p
Input Voltage High
IINH
VIN = 15 V
Room
Full
0.001
1
1
1
mA
Input Current with
Input Voltage Low
IINL
VIN = 0 V
Room
Full
–0.001
–1
–1
–1
Dynamic Characteristics
Turn-On Time
tON
See Figure 2
Room
150
300
Turn-Off Time
tOFF
See Figure 2
Room
130
250
ns
Break-Before-Make Time
tOPEN
DG301A/303A Only
Figure 3
Room
50
ns
Charge Injection
Q
CL = 1 nF, Rgen = 0 W
Vgen = 0 V, Figure 4
Room
8
pC
Source-Off Capacitance
CS(off)
Room
14
Drain-Off Capacitance
CD(off)
VS, VD = 0 V, f = 1 MHz
Room
14
Channel-On Capacitance
CD(on)
Room
40
pF
Input Capacitance
Cin
f=1MHz
VIN = 0 V
Room
6
Input Capacitance
Cin
f = 1 MHz
VIN = 15 V
Room
7
Off-Isolation
OIRR
VIN = 0 V, RL = 1 kW
V
1 V
f
500 kH
Room
62
dB
Crosstalk (Channel-to-Channel)
XTALK
IN
,
L
VS = 1 Vrms, f = 500 kHz
Room
74
dB
Power Supplies
Positive Supply Current
I+
VIN = 4 V (One Input)
All O h
0 V
Room
Full
0.23
0.5
1
1
mA
Negative Supply Current
I–
IN
(p )
All Others = 0 V
Room
Full
–0.001
–10
–100
–100
Positive Supply Current
I+
VIN = 0 8 V (All Inputs)
Room
Full
0.001
10
100
100
mA
Negative Supply Current
I–
VIN = 0.8 V (All Inputs)
Room
Full
–0.001
–10
–100
–100
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com