Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG303ABK Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # DG303ABK
Description  CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG303ABK Datasheet(HTML) 2 Page - TEMIC Semiconductors

  DG303ABK Datasheet HTML 1Page - TEMIC Semiconductors DG303ABK Datasheet HTML 2Page - TEMIC Semiconductors DG303ABK Datasheet HTML 3Page - TEMIC Semiconductors DG303ABK Datasheet HTML 4Page - TEMIC Semiconductors DG303ABK Datasheet HTML 5Page - TEMIC Semiconductors DG303ABK Datasheet HTML 6Page - TEMIC Semiconductors DG303ABK Datasheet HTML 7Page - TEMIC Semiconductors DG303ABK Datasheet HTML 8Page - TEMIC Semiconductors DG303ABK Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DG301A
GND
V–
Dual-In-Line
NC
V+
D1
D2
NC
NC
S1
S2
NC
NC
IN
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
Metal Can
NC
Top View
S2
V–
D2
D1
V+ (Substrate and Case)
S1
IN
NC
GND
1
2
3
4
5
6
7
8
9
10
DG302A
NC
V+
S3
S4
D3
D4
D1
D2
S1
S2
IN1
IN2
GND
V–
Dual-In-Line
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
DG301A
DG303A
S4
D2
NC
Dual-In-Line
S3
IN1
D4
V–
D1
S1
GND
V+
IN2
D3
S2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
DG300A/301A/302A/303A
2
Siliconix
S-52880—Rev. C, 28-Apr-97
Functional Block Diagram and Pin Configuration (Cont’d)
Truth Table
Logic
SW1
SW2
0
OFF
ON
1
ON
OFF
Logic “0”
v 0.8 V
Logic “1”
w 4 V
Logic 1
w 4 V
Truth Table
Logic
Switch
0
OFF
1
ON
Logic “0”
v 0.8 V
Logic “1”
w 4 V
Truth Table
Logic
SW1, SW2
SW3, SW4
0
OFF
ON
1
ON
OFF
Logic “0”
v 0.8 V
Logic “1”
w 4 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com