Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG303ABK Datasheet(PDF) 9 Page - TEMIC Semiconductors

Part # DG303ABK
Description  CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG303ABK Datasheet(HTML) 9 Page - TEMIC Semiconductors

Back Button DG303ABK Datasheet HTML 2Page - TEMIC Semiconductors DG303ABK Datasheet HTML 3Page - TEMIC Semiconductors DG303ABK Datasheet HTML 4Page - TEMIC Semiconductors DG303ABK Datasheet HTML 5Page - TEMIC Semiconductors DG303ABK Datasheet HTML 6Page - TEMIC Semiconductors DG303ABK Datasheet HTML 7Page - TEMIC Semiconductors DG303ABK Datasheet HTML 8Page - TEMIC Semiconductors DG303ABK Datasheet HTML 9Page - TEMIC Semiconductors DG303ABK Datasheet HTML 10Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DG300A/301A/302A/303A
Siliconix
S-52880—Rev. C, 28-Apr-97
9
Application Hintsa
V+
Positive Supply
Voltage
(V)
V–
Negative Supply
Voltage
(V)
GND
Voltage
(V)
VIN
Logic Input
Voltage
VINH(min)/VINL(max)
(V)
VS or VD
Analog Voltage
Range
(V)
15
20
15
–15
–20
0
0
0
0
4/0.8
4/0.8
4/0.8
–15 to 15
–20 to 20
0 to 15
Note:
a.
Application Hints are for DESIGN AID ONLY, not guaranteed and not subject to production testing.
Applications
The DG300A series of analog switches will switch positive
analog signals while using a single positive supply. This
facilitates their use in applications where only one supply
is available. The trade-offs of using single supplies are:
1) Increased rDS(on); 2) slower switching speed. The analog
voltage should not go above or below the supply voltages
which in single operation are V+ and 0 V.
(See Input
Switching Threshold vs. Positive Supply Voltage Curve.)
+15 V
+15 V
+15 V
DG301A
TTL Input
+5 V
10 k
W
10 k
W
5 k
W
5 k
W
100 k
W
10
mF
50 k
W
VOUT
Figure 5.
Single Supply Op Amp Switching



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com