Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG303ABK Datasheet(PDF) 10 Page - TEMIC Semiconductors

Part # DG303ABK
Description  CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG303ABK Datasheet(HTML) 10 Page - TEMIC Semiconductors

Back Button DG303ABK Datasheet HTML 2Page - TEMIC Semiconductors DG303ABK Datasheet HTML 3Page - TEMIC Semiconductors DG303ABK Datasheet HTML 4Page - TEMIC Semiconductors DG303ABK Datasheet HTML 5Page - TEMIC Semiconductors DG303ABK Datasheet HTML 6Page - TEMIC Semiconductors DG303ABK Datasheet HTML 7Page - TEMIC Semiconductors DG303ABK Datasheet HTML 8Page - TEMIC Semiconductors DG303ABK Datasheet HTML 9Page - TEMIC Semiconductors DG303ABK Datasheet HTML 10Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DG300A/301A/302A/303A
10
Siliconix
S-52880—Rev. C, 28-Apr-97
Applications (Cont’d)
Diff. IN B
+15 V
+15 V
Diff. IN A
DG301A
DG302A
GND
+15 V
–15 V
–15 V
+15 V
–15 V
CMOS Logic
Input Select
High = Diff. IN B
CMOS Logic
Gain Select
High = AV = 101
R1
16 k
W
R
i1
1.5 k
W
R2
75 k
W
75 k
W
R2
75 k
W
R4
R6
75 k
W
VOUT
75 k
W
R5
67 k
W
R7
50 k
W
VOSNULL
Voltage gain of the instrumentation amplifier is:
AV = 1 +
(In the circuit shown, AV1 = 10.4, AV2 = 101)
2R2
R1
Figure 6.
Low Power Instrumentation Amplifier with Digitally Selectable Inputs and Gain
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com