Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 61Page - STMicroelectronics ST72345 Datasheet HTML 62Page - STMicroelectronics ST72345 Datasheet HTML 63Page - STMicroelectronics ST72345 Datasheet HTML 64Page - STMicroelectronics ST72345 Datasheet HTML 65Page - STMicroelectronics ST72345 Datasheet HTML 66Page - STMicroelectronics ST72345 Datasheet HTML 67Page - STMicroelectronics ST72345 Datasheet HTML 68Page - STMicroelectronics ST72345 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 191 page
background image
ST72340, ST72344, ST72345
65/191
11.2 MAIN CLOCK CONTROLLER WITH REAL TIME CLOCK AND BEEPER (MCC/RTC)
The Main Clock Controller consists of three differ-
ent functions:
■
a programmable CPU clock prescaler
■
a clock-out signal to supply external devices
■
a real time clock timer with interrupt capability
Each function can be used independently and si-
multaneously.
11.2.1 Programmable CPU Clock Prescaler
The programmable CPU clock prescaler supplies
the clock for the ST7 CPU and its internal periph-
erals. It manages SLOW power saving mode (See
Section 9.2 "SLOW MODE" on page 44 for more
details).
The prescaler selects the fCPU main clock frequen-
cy and is controlled by three bits in the MCCSR
register: CP[1:0] and SMS.
11.2.2 Clock-out Capability
The clock-out capability is an alternate function of
an I/O port pin that outputs a fOSC2 clock to drive
external devices. It is controlled by the MCO bit in
the MCCSR register.
CAUTION: When selected, the clock out pin sus-
pends the clock during ACTIVE-HALT mode.
11.2.3 Real Time Clock Timer (RTC)
The counter of the real time clock timer allows an
interrupt to be generated based on an accurate
real time clock. Four different time bases depend-
ing directly on fOSC2 are available. The whole
functionality is controlled by four bits of the MCC-
SR register: TB[1:0], OIE and OIF.
When the RTC interrupt is enabled (OIE bit set),
the ST7 enters ACTIVE-HALT mode when the
HALT instruction is executed. See Section 9.5
"ACTIVE-HALT MODE" on page 47 for more de-
tails.
11.2.4 Beeper
The beep function is controlled by the MCCBCR
register. It can output three selectable frequencies
on the BEEP pin (I/O port alternate function).
Figure 41. Main Clock Controller (MCC/RTC) Block Diagram
DIV 2, 4, 8, 16
MCC/RTC INTERRUPT
SMS
CP1 CP0
TB1
TB0
OIE
OIF
CPU CLOCK
MCCSR
12-BIT MCC RTC
COUNTER
TO CPU AND
PERIPHERALS
fOSC2
fCPU
MCO
MCO
BC1 BC0
MCCBCR
BEEP
SELECTION
BEEP SIGNAL
1
0
TO
WATCHDOG
TIMER
DIV 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com