Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 26Page - STMicroelectronics ST72345 Datasheet HTML 27Page - STMicroelectronics ST72345 Datasheet HTML 28Page - STMicroelectronics ST72345 Datasheet HTML 29Page - STMicroelectronics ST72345 Datasheet HTML 30Page - STMicroelectronics ST72345 Datasheet HTML 31Page - STMicroelectronics ST72345 Datasheet HTML 32Page - STMicroelectronics ST72345 Datasheet HTML 33Page - STMicroelectronics ST72345 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 191 page
background image
ST72340, ST72344, ST72345
30/191
MULTI-OSCILLATOR (Cont’d)
Internal RC Oscillator
The device contains a high-precision internal RC
oscillator. It must be calibrated to obtain the fre-
quency required in the application. This is done by
software writing a calibration value in the RCCRH
and RCCRL Registers.
Whenever the microcontroller is reset, the RCCR
returns to its default value (FF 03h), i.e. each time
the device is reset, the calibration value must be
loaded in the RCCRH and RCCRL registers. Pre-
defined calibration values are stored in XFLASH
for 3 and 5V VDD supply voltages at 25°C, as
shown in the following table.
Note:
– To improve clock stability, it is recommended to
place a decoupling capacitor between the VDD
and VSS pins.
– These two 10-bit values are systematically pro-
grammed by ST, including on FASTROM devic-
es. Consequently, customers intending to use
FASTROM service must not use these address-
es.
– RCCR0 and RCCR1 calibration values will be
erased if the read-out protection bit is reset after
it has been set. See “Memory Protection” on
page 17.
Caution: If the voltage or temperature conditions
change in the application, the frequency may need
to be recalibrated.
Refer to application note AN1324 for information
on how to calibrate the RC frequency using an ex-
ternal reference signal.
7.3 REGISTER DESCRIPTION
RC CONTROL REGISTER (RCCRH)
Read / Write
Reset Value: 1111 1111 (FFh)
Bits 7:0 = CR[9:2] RC Oscillator Frequency Ad-
justment Bits
RC CONTROL REGISTER (RCCRL)
Read / Write
Reset Value: 0000 0011 (03h)
Bits 7:2 = Reserved, must be kept cleared.
Bits 1:0 = CR[1:0] RC Oscillator Frequency Ad-
justment Bits
This 10-bit value must be written immediately after
reset to adjust the RC oscillator frequency in order
to obtain the specified accuracy. The application
can store the correct value for each voltage range
in EEPROM and write it to this register at start-up.
0000h = maximum available frequency
03FFh = lowest available frequency
Note: To tune the oscillator, write a series of differ-
ent values in the register until the correct frequen-
cy is reached. The fastest method is to use a di-
chotomy starting with 200h.
RCCR
Conditions
Address
RCCR0
VDD=5V
TA=25°C
fRC=1MHz
BEE0, BEE1
RCCR1
VDD=3V
TA=25°C
fRC=1MHz
BEE4, BEE5
70
CR9
CR8
CR7
CR6
CR5
CR4
CR3
CR2
70
0
0
0
0
0
0
CR1
CR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com