Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 23Page - STMicroelectronics ST72345 Datasheet HTML 24Page - STMicroelectronics ST72345 Datasheet HTML 25Page - STMicroelectronics ST72345 Datasheet HTML 26Page - STMicroelectronics ST72345 Datasheet HTML 27Page - STMicroelectronics ST72345 Datasheet HTML 28Page - STMicroelectronics ST72345 Datasheet HTML 29Page - STMicroelectronics ST72345 Datasheet HTML 30Page - STMicroelectronics ST72345 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 191 page
background image
ST72340, ST72344, ST72345
27/191
7 SUPPLY, RESET AND CLOCK MANAGEMENT
The device includes a range of utility features for
securing the application in critical situations (for
example in case of a power brown-out), and re-
ducing the number of external components.
Main features
■ Clock Management
– 1 MHz high-accuracy internal RC oscillator
(enabled by option byte)
– 1 to 16 MHz External crystal/ceramic resona-
tor (enabled by option byte)
– External Clock Input (enabled by option byte)
– PLL for multiplying the frequency by 8 or 4
(enabled by option byte)
■ Reset Sequence Manager (RSM)
■ System Integrity Management (SI)
– Main supply Low voltage detection (LVD) with
reset generation (enabled by option byte)
– Auxiliary Voltage Detector (AVD) with inter-
rupt capability for monitoring the main supply
(enabled by option byte)
Figure 13. Clock, Reset and Supply Block Diagram
CR9
CR8
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
RCCRH/RCCRL Register
Tunable
RC Oscillator
/2
DIVIDER
OSC
1-16 MHz
OSC Option bit
/2
DIVIDER
PLL 1MHz --> 8MHz
PLL 1MHz --> 4MHz
External Clock (0.5-8MHz)
RC Clock (1MHz.)
PLL Clock 8/4MHz
OSC, PLLOFF
OSCRANGE[2:0]
Option bits
Crystal OSC (0.5-8MHz)
PLLx4x8
OSC1
OSC2
fOSC2
MAIN CLOCK
CONTROLLER
WITH REAL TIME
CLOCK(MCC/RTC)
fCPU
8MHz
4MHz
1MHz
Option bit
/2
DIVIDER*
DIV2EN
Option bit*
*not available if PLLx4 is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com