Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 5Page - STMicroelectronics ST72345 Datasheet HTML 6Page - STMicroelectronics ST72345 Datasheet HTML 7Page - STMicroelectronics ST72345 Datasheet HTML 8Page - STMicroelectronics ST72345 Datasheet HTML 9Page - STMicroelectronics ST72345 Datasheet HTML 10Page - STMicroelectronics ST72345 Datasheet HTML 11Page - STMicroelectronics ST72345 Datasheet HTML 12Page - STMicroelectronics ST72345 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 191 page
background image
ST72340, ST72344, ST72345
9/191
11 26 29
PC3 (HS)/
ICAP1_B
I/O CT HS
X
X
X
X
Port C3
Timer B Input Capture 1
12 27 30
PC4/MISO/
ICCDATA3)
I/O CT
X
XX
X
Port C4
SPI Master In /
Slave Out Data
ICC Data In-
put
13 28 31
PC5/MOSI/
AIN14
I/O CT
X
XX
X
X
Port C5
SPI Master Out /
Slave In Data
ADC Analog
Input 14
14 29 32
PC6/SCK/
ICCCLK3)
I/O CT
X
X
X
X
Port C6
SPI Serial Clock
ICC Clock
Output
15 30 33
PC7/SS/AIN15 I/O CT
X
XX
X
X
Port C7
SPI Slave Select
(active low)
ADC Analog
Input 15
16 31 34
PA3 (HS)
I/O CT HS
X
ei0
X
X
Port A3
-32 35
VDD_1
S
Digital Main Supply Voltage
-33 36
VSS_1
S
Digital Ground Voltage
--
37
PD7/
SCL3SNS
I/O CT HS
X
T
Port D7
I2C3SNS Serial Clock
--
38
PD6/
SDA3SNS
I/O CT HS
X
T
Port D6
I2C3SNS Serial Data
17 34 39
PA4 (HS)
I/O CT HS
X
XX
X
Port A4
35 40
PA5 (HS)
I/O CT HS
X
XX
X
Port A5
18 36 41
PA6 (HS)/SDA I/O CT HS
X
T
Port A6
I2C Serial Data
19 37 42
PA7 (HS)/SCL I/O CT HS
X
T
Port A7
I2C Serial Clock
20 38 43
ICCSEL
I
ICC Mode selection
21 39 44
RESET
I/O CT
Top priority non maskable interrupt.
22 40 45
VSS_2
S
Digital Ground Voltage
23 41 46
OSC2
O
Resonator oscillator inverter output
24 42 47
OSC1
I
External clock input or Resonator oscillator in-
verter input
25 43 48
VDD_2
S
Digital Main Supply Voltage
26 44
1
PE0/TDO
I/O CT
X
X
X
X
Port E0
SCI Transmit Data Out
27 1
2
PE1/RDI
I/O CT
X
ei0
X
X
Port E1
SCI Receive Data In
28 2
3
PB0
I/O CT
X
ei2
X
X
Port B0
-3
4
PB1
I/O CT
X
ei2
X
X
Port B1
-4
5
PB2
I/O CT
X
ei2
X
X
Port B2
29 5
6
PB3
I/O CT
X
ei2
X
X
Port B3
30 6
7
PB4 (HS)
I/O CT HS
X
ei3
X
X
Port B4
31 7
8
PD0/AIN0
I/O CT
X
X
X
X
X
Port D0
ADC Analog Input 0
32 8
9
PD1/AIN1
I/O CT
X
X
X
X
X
Port D1
ADC Analog Input 1
-
9
10
PD2/AIN2
I/O CT
X
X
X
X
X
Port D2
ADC Analog Input 2
-
10 11
PD3/AIN3
I/O CT
X
X
X
X
X
Port D3
ADC Analog Input 3
-
11 12
PD4/AIN4
I/O CT
X
X
X
X
X
Port D4
ADC Analog Input 4
12 13
PD5/AIN5
I/O CT
X
X
X
X
X
Port D5
ADC Analog Input 5
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate Function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com