Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 36Page - STMicroelectronics ST72345 Datasheet HTML 37Page - STMicroelectronics ST72345 Datasheet HTML 38Page - STMicroelectronics ST72345 Datasheet HTML 39Page - STMicroelectronics ST72345 Datasheet HTML 40Page - STMicroelectronics ST72345 Datasheet HTML 41Page - STMicroelectronics ST72345 Datasheet HTML 42Page - STMicroelectronics ST72345 Datasheet HTML 43Page - STMicroelectronics ST72345 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 191 page
background image
ST72340, ST72344, ST72345
40/191
INTERRUPTS (Cont’d)
Table 7. Dedicated Interrupt Instruction Set
Note: During the execution of an interrupt routine, the HALT, POPCC, RIM, SIM and WFI instructions change the current
software priority up to the next IRET instruction or one of the previously mentioned instructions.
Table 8. Interrupt Mapping
Notes:
1. Valid for HALT and ACTIVE-HALT modes except for the MCC/RTC interrupt source which exits from
ACTIVE-HALT mode only and AWU interrupt which exits from AWUFH mode only.
2. Exit from HALT possible when SPI is in slave mode.
Instruction
New Description
Function/Example
I1
H
I0
N
Z
C
HALT
Entering Halt mode
1
0
IRET
Interrupt routine return
Pop CC, A, X, PC
I1
H
I0
N
Z
C
JRM
Jump if I1:0=11 (level 3)
I1:0=11 ?
JRNM
Jump if I1:0<>11
I1:0<>11 ?
POP CC
Pop CC from the Stack
Mem => CC
I1
H
I0
N
Z
C
RIM
Enable interrupt (level 0 set)
Load 10 in I1:0 of CC
1
0
SIM
Disable interrupt (level 3 set)
Load 11 in I1:0 of CC
1
1
TRAP
Software trap
Software NMI
1
1
WFI
Wait for interrupt
1
0
N°
Source
Block
Description
Register
Label
Priority
Order
Exit
from
HALT1
Address
Vector
RESET
Reset
N/A
Highest
Priority
Lowest
Priority
yes
FFFEh-FFFFh
TRAP/ICD
Software or ICD Interrupt
no
FFFCh-FFFDh
0
AWU
Auto Wake Up Interrupt
AWUCSR
yes
FFFAh-FFFBh
1
MCC/RTC
RTC Time base interrupt
MCCSR
yes
FFF8h-FFF9h
2
ei0
External Interrupt Port PA3, PE1
N/A
yes
FFF6h-FFF7h
3
ei1
External Interrupt Port PF2:0
N/A
yes
FFF4h-FFF5h
4
ei2
External Interrupt Port PB3:0
N/A
yes
FFF2h-FFF3h
5
ei3
External Interrupt Port PB4
N/A
yes
FFF0h-FFF1h
6
I2C3SNS
I2C3SNS Address 3 Interrupt
I2C3SSR
no
FFEEh-FFEFh
7
I2C3SNS
I2C3SNS Address 1 & 2 Interrupt
no
FFECh-FFEDh
8
SPI
SPI Peripheral Interrupts
SPISR
yes2
FFEAh-FFEBh
9
TIMER A
TIMER A Peripheral Interrupts
TASR
no
FFE8h-FFE9h
10
TIMER B
TIMER B Peripheral Interrupts
TBSR
no
FFE6h-FFE7h
11
SCI
SCI Peripheral Interrupt
SCISR
no
FFE4h-FFE5h
12
AVD
Auxiliary Voltage Detector Interrupt
SICSR
no
FFE2h-FFE3h
13
I2C
I2C Peripheral Interrupt
I2CSRx
no
FFE0h-FFE1h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com